Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5674 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674
Description  14BIT 400 MSPS, 2 X/ 4X INTERPOLATING COMMS DAC DIGITAL TO ANALOG CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5674 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC5674 Datasheet HTML 17Page - Texas Instruments DAC5674 Datasheet HTML 18Page - Texas Instruments DAC5674 Datasheet HTML 19Page - Texas Instruments DAC5674 Datasheet HTML 20Page - Texas Instruments DAC5674 Datasheet HTML 21Page - Texas Instruments DAC5674 Datasheet HTML 22Page - Texas Instruments DAC5674 Datasheet HTML 23Page - Texas Instruments DAC5674 Datasheet HTML 24Page - Texas Instruments DAC5674 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DAC5674
SLWS148 − SEPTEMBER 2003
www.ti.com
21
PFD
ref
ICO
Fref
Fvco
LPF
R
C1
C2
DAC5674
External Loop Filter
PN
Figure 22. PLL Functional Block Diagram
Table 5. DAC5674 Evaluation Board PLL Loop Filter Parameters
N(1)
PHASE MARGIN (DEGREES)
BANDWIDTH (MHZ)
2
60
1.6
4
71
1.4
8
77
1
16
78
0.7
32
74
0.4
(1) N is the VCO divide-down factor from prescale and interpolation.
Digital Inputs
Figure 23 shows a schematic of the equivalent CMOS digital inputs of the DAC5674. The CMOS-compatible
inputs have logic thresholds of IOVDD/2
±20%. The 14-bit digital data input follows the offset positive binary
coding scheme.
D[13:0]
SLEEP
EXTLO
DIV[1:0]
RESET
HP1, HP2
Internal
Digital In
IOVDD (AVDD for SLEEP and EXTLO)
IOGND
Figure 23. CMOS/TTL Digital Equivalent Input
Clock Input and Timing
Figure 24 shows the clock and data input timing diagram for internal and external clock modes, respectively.
Note that a negative value indicates a reversal of the edge positions as shown in the timing diagram. Figure 24
also shows the delay (td) of the 1x/2x data clock (PLLLOCK) from CLK in external clock mode (typical td = 4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com