Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA10339 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA10339
Description  ~30째 medium beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA10339 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA10339 Datasheet HTML 1Page - Ledil, Inc. FA10339 Datasheet HTML 2Page - Ledil, Inc. FA10339 Datasheet HTML 3Page - Ledil, Inc. FA10339 Datasheet HTML 4Page - Ledil, Inc. FA10339 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FA10339_NIS83-MX-M
NIS83-MX-M
~30° medium beam optimized for Nichia NS6x83.
Assembly with white holder and installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13.5 mm
Fastening
tape
Colour
white
Box size
Box weight
11.8 kg
Quantity in Box
2304 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-A-A-M
Lens
PC
clear
ROSE-HLD-E-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
Last update: 23/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA10339

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10339 LEDIL-FA10339 Datasheet
267Kb / 5P
Rose Assembly
More results

Similar Description - FA10339

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11174 LEDIL-CA11174_18 Datasheet
3Mb / 6P
~30째 medium beam optimized for Nichia NS6x83.
CA11839 LEDIL-CA11839_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Nichia NS6x83. Assembly with white holder.
CA12126 LEDIL-CA12126 Datasheet
5Mb / 4P
~30째 medium beam optimized for Nichia NS6x83. Assembly with black holder.
FA10336 LEDIL-FA10336 Datasheet
2Mb / 4P
~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FA10337 LEDIL-FA10337 Datasheet
2Mb / 4P
~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FA10839 LEDIL-FA10839_18 Datasheet
2Mb / 4P
~50째 wide beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
FA10338 LEDIL-FA10338 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FA10888 LEDIL-FA10888_18 Datasheet
3Mb / 4P
~13째 spot beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
FA10901 LEDIL-FA10901_18 Datasheet
2Mb / 4P
~60째 wide beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
FA11452 LEDIL-FA11452 Datasheet
3Mb / 4P
~30째 medium beam optimized for Nichia NS6x83. 13.3 mm high assembly with installation tape.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com