Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA10539 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA10539
Description  ~50째 wide beam optimized for Seoul P4. Assembly with black holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA10539 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA10539 Datasheet HTML 1Page - Ledil, Inc. FA10539 Datasheet HTML 2Page - Ledil, Inc. FA10539 Datasheet HTML 3Page - Ledil, Inc. FA10539 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA10539_SSS-W
SSS-W
~50°
wide
beam
optimized
for
Seoul
P4.
Assembly with black holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
14.3 mm
Fastening
tape
Colour
black
Box size
Box weight
0 kg
Quantity in Box
2160 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
NIS83-MX-W-V6
Lens
PC
clear
ROSE-HLD-D
Holder
PC
black
ROSE-TAPE
Tape
PU tape
Last update: 17/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA10539

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
0.5mm Pitch FPC Connector
FA10**SA1 JAE-FA10**SA1 Datasheet
1Mb / 6P
0.5mm Pitch FPC Connector
logo
Glenair, Inc.
FA1000-62-85A1-0024A GLENAIR-FA1000-62-85A1-0024A Datasheet
6Mb / 18P
The Glenair Eye-Beam??Fiber Optic Revolution
FA1000-62-85B1-0024A GLENAIR-FA1000-62-85B1-0024A Datasheet
499Kb / 3P
Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
FA1000-62-85B1-0024A GLENAIR-FA1000-62-85B1-0024A Datasheet
499Kb / 3P
Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
More results

Similar Description - FA10539

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10624 LEDIL-CA10624 Datasheet
1Mb / 3P
~50째 wide beam optimized for Nichia NS6x83. Assembly with white holder.
FA10311 LEDIL-FA10311 Datasheet
5Mb / 4P
~11째 spot beam optimized for Seoul P4. Assembly with black holder.
FA10312 LEDIL-FA10312 Datasheet
4Mb / 4P
~16째 diffused spot beam optimized for Seoul P4. Assembly with black holder.
FA10313 LEDIL-FA10313 Datasheet
6Mb / 4P
~30째 medium beam optimized for Seoul P4. Assembly with black holder.
FA10323 LEDIL-FA10323 Datasheet
1Mb / 4P
~50째 wide beam optimized for LUXEON K2. Assembly with transparent holder.
FA10330 LEDIL-FA10330 Datasheet
6Mb / 4P
~15째 smooth spot beam optimized for Seoul P4. Assembly with black holder.
FA10344 LEDIL-FA10344 Datasheet
3Mb / 5P
~50째 wide beam optimized for Nichia NS6x83. Assembly with white holder.
FA10708 LEDIL-FA10708_18 Datasheet
5Mb / 5P
~50째 wide beam optimized for CREE XP-E. Assembly with black holder.
FA10714 LEDIL-FA10714 Datasheet
5Mb / 4P
~50째 wide beam optimized for CREE MC-E. Assembly with black holder.
FCA10939 LEDIL-FCA10939 Datasheet
1Mb / 3P
~50째 wide beam optimized for Nichia NJSx036. Assembly with white holder.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com