Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD06N03LZ Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD06N03LZ
Description  Ideal for high-frequency dc/dc converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD06N03LZ Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD06N03LZ Datasheet HTML 1Page - Infineon Technologies AG IPD06N03LZ Datasheet HTML 2Page - Infineon Technologies AG IPD06N03LZ Datasheet HTML 3Page - Infineon Technologies AG IPD06N03LZ Datasheet HTML 4Page - Infineon Technologies AG IPD06N03LZ Datasheet HTML 5Page - Infineon Technologies AG IPD06N03LZ Datasheet HTML 6Page - Infineon Technologies AG IPD06N03LZ Datasheet HTML 7Page - Infineon Technologies AG IPD06N03LZ Datasheet HTML 8Page - Infineon Technologies AG IPD06N03LZ Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IPD06N03LZ G
IPS06N03LZ G
IPU06N03LZ G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
1
10
100
1000
0.1
1
10
100
V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
0.01
0.1
1
10
00
00
00
1
t p [s]
0
10
20
30
40
50
60
70
80
90
0
50
100
150
200
T C [°C]
0
10
20
30
40
50
60
0
50
100
150
200
T C [°C]
Rev. 1.7
page 4
2008-04-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com