Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

201610CDMCDDS Datasheet(PDF) 3 Page - Sumida Corporation

Part # 201610CDMCDDS
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

201610CDMCDDS Datasheet(HTML) 3 Page - Sumida Corporation

  201610CDMCDDS Datasheet HTML 1Page - Sumida Corporation 201610CDMCDDS Datasheet HTML 2Page - Sumida Corporation 201610CDMCDDS Datasheet HTML 3Page - Sumida Corporation 201610CDMCDDS Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Characteristics
Inductance
[Within]
(μH) ※1
Temperature
Rise Current
(A) ※3
Saturation Current
at 20℃(A) ※2
D.C.R. at 20℃
max(typ) (mΩ)
Part Number
6.30
201610CDMCDDS-R24MC
0.24 ± 20%
20.00
(16.00)
7.20
4.60
201610CDMCDDS-R47MC
0.47 ± 20%
32.00
(26.00)
5.30
4.20
201610CDMCDDS-R68MC
0.68 ± 20%
43.00
(36.00)
4.20
3.30
201610CDMCDDS-1R0MC
1.00 ± 20%
57.00
(48.00)
3.50
2.10
201610CDMCDDS-2R2MC
2.20 ± 20%
138 (115)
2.30
※1 Measuring frequency Inductance at 1MHz,0.1V
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 30% lower than its initial
value.
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes
△T=40℃ (Ta=25℃).(Test board condition: FR4, Copper=70μm, four-layer PWB t=1.6mm)
201610CDMCD/DS
SMD Power Inductor
Solder Reflow Condition
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 4
Ver. 2018-05-14
WWW.SUMIDA.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com