Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2905EK Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2905EK
Description  1.2V, 10A, 300kHz, Hysteretic Synchronous Step-Down Controller Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2905EK Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2905EK Datasheet HTML 1Page - Monolithic Power Systems MP2905EK Datasheet HTML 2Page - Monolithic Power Systems MP2905EK Datasheet HTML 3Page - Monolithic Power Systems MP2905EK Datasheet HTML 4Page - Monolithic Power Systems MP2905EK Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV2905-K-01A HYSTERETIC SYNCHRONOUS STEP-DOWN CONTROLLER EV BOARD
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV2905-K-01A Rev. 1.0
www.MonolithicPower.com
5
12/7/2017
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2017 MPS. All Rights Reserved.
QUICK START GUIDE
1. Stuff multi-strand wire in VOUT, VOUT_GND pad and single strand wire in VIN, VIN_GND pad.
2. Connect the positive terminal of the load to VOUT multi-strand wire, and the negative terminal of
the load to GND multi-strand wire.
3. Preset the power supply output to 12V and turn it off.
4. Connect the positive terminal of the power supply output to the VIN wire and the negative
terminal of the power supply output to the GND wire.
5. Connect the EN pin to GND.
6. Turn the power supply on. The MP2905EK will automatically startup.
7. To use the Enable function, drive EN higher than 4V to turn on the MOS Q3, then SS is pulled
down, part shuts down. Drive EN less than 0.5V to turn off the MOS Q3, then SS is released,
part turns on. Do not float EN pin.
8. The output voltage VOUT can be programmed by R1 and R2. Calculate the new value using the
formula:
)
1
(
2
1
FB
OUT
V
V
R
R
Where VFB=0.59V.
In order to get good transient, R1 and R2 should be small enough. Always set R2=1kΩ or
smaller, and R1 is not higher than 3 kΩ.
9. The frequency is set by C9 and R13. C9 should not be small enough to get good transient
response, 2.2nF is recommended , then R13 is used to program the frequency by formula below:
HY
IN
OUT
IN
IN
OUT
IN
out
V
C
V
V
ns
V
ns
V
f
V
V
V
R
9
13
)
20
90
(
)
(
Where VHY is output regulation hysteresis, typical value is 22mV.
10. The EV board is designed for 12V input, 1.2Vout application. So, for other application, some
parameters such as current limit and frequency need to be redesigned. Please refer to AN023
to set related parameters.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com