Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2910ES Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2910ES
Description  5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2910ES Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2910ES Datasheet HTML 1Page - Monolithic Power Systems MP2910ES Datasheet HTML 2Page - Monolithic Power Systems MP2910ES Datasheet HTML 3Page - Monolithic Power Systems MP2910ES Datasheet HTML 4Page - Monolithic Power Systems MP2910ES Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV2910ES-00A
5V/12V Synchronous Buck PWM DC/DC
and Linear Power Controller EV Board
EV2910ES-00A Rev. 1.0
www.MonolithicPower.com
1
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV2910ES-00A is an evaluation board for
the MP2910ES that is a dual output with one
synchronous buck PWM and one linear
controller. The part is used to generate logic-
supply voltages for PC based systems.
This EV board can be turned on or shut down via a
remote EN input that is referenced to ground. This
input is compatible with popular logic devices.
This EV board also has power good indicator to
conform to Intel® new platform requirement on
FSB_VTT power plane. The PG port is pulled to
ground when the output voltage is under 10% of
its setting voltage.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
5 – 20
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
10
A
FEATURES
• 5V or 12V VCC Supply Voltage
• Wide 5V to 20V Operating Input Range
• 10A Output Current
• Fixed 300KHz Frequency
• Internal Soft-Start
• Output Adjustable from 0.8V to 0.9xVIN
APPLICATIONS
• Graphic Card
• Motherboard, Desktop Servers
• IA Equipments
• Telecomm Equipments
•
High Power DC-DC Regulators
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV2910ES-00A EVALUATION BOARD
Board Number
MPS IC Number
EV2910ES-00A
MP2910ES


Similar Part No. - MP2910ES

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2910ES MPS-MP2910ES Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
More results

Similar Description - MP2910ES

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com