Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD-W5AP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LD-W5AP
Description  black SMD package, colorless clear silicone resin, silicone lense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-W5AP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LD-W5AP Datasheet HTML 6Page - OSRAM GmbH LD-W5AP Datasheet HTML 7Page - OSRAM GmbH LD-W5AP Datasheet HTML 8Page - OSRAM GmbH LD-W5AP Datasheet HTML 9Page - OSRAM GmbH LD-W5AP Datasheet HTML 10Page - OSRAM GmbH LD-W5AP Datasheet HTML 11Page - OSRAM GmbH LD-W5AP Datasheet HTML 12Page - OSRAM GmbH LD-W5AP Datasheet HTML 13Page - OSRAM GmbH LD-W5AP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Vorläufige Daten / Preliminary Data
LD W5AP, LB W5AP, LT W5AP
2008-08-08
10
Relativer Lichtstrom
2) Seite 19
Relative Luminous Flux
2) page 19
Φ
V/ΦV(25 °C) = f (Tj); IF = 1,4 A
Relative Strahlungsleistung
2) Seite 19
Relative Radiant Power
2) page 19
Φ
E/ΦE(25 °C) = f (Tj); IF = 1,4 A
-60
0.80
V (25 ˚C)
V
Tj
OHL03662
˚C
Φ
Φ
-40 -20 0 20 40 60 80 100
140
blue
true green
deep blue
0.85
0.90
0.95
1.00
1.05
1.15
-60
0.75
E (25 ˚C)
E
Tj
OHL03663
˚C
Φ
Φ
-40 -20 0 20 40 60 80 100
140
deep blue
0.80
0.85
0.90
0.95
1.00
1.05
1.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com