Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT-W5SN Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LT-W5SN
Description  white SMD package, colorless clear silicone resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LT-W5SN Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LT-W5SN Datasheet HTML 8Page - OSRAM GmbH LT-W5SN Datasheet HTML 9Page - OSRAM GmbH LT-W5SN Datasheet HTML 10Page - OSRAM GmbH LT-W5SN Datasheet HTML 11Page - OSRAM GmbH LT-W5SN Datasheet HTML 12Page - OSRAM GmbH LT-W5SN Datasheet HTML 13Page - OSRAM GmbH LT-W5SN Datasheet HTML 14Page - OSRAM GmbH LT-W5SN Datasheet HTML 15Page - OSRAM GmbH LT-W5SN Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Released
LD W5SN, LB W5SN, LT W5SN
2008-05-19
12
Dominante Wellenlänge
2) Seite 20
Dominant Wavelength
2) page 20
deep blue
,
λ
dom = f (Tj); IF = 700 mA
Dominante Wellenlänge
2) Seite 20
Dominant Wavelength
2) page 20
true green
,
λ
dom = f (Tj); IF = 700 mA
Dominante Wellenlänge
2) Seite 20
Dominant Wavelength
2) page 20
blue
,
λ
dom = f (Tj); IF = 700 mA
OHL02581
453
dom
λ
-60
˚C
nm
-40 -20
0
20 40 60
100
453.5
454
454.5
455
455.5
456
457
j
T
-60
-1.0
-40 -20
0
20
˚C
60
40
Tj
100
OHL02582
dom
Δλ
nm
-0.5
0
0.5
1.0
1.5
2.0
true green
-60
-2.0
-40 -20
0
20
˚C
60
40
Tj
100
OHL02673
dom
Δλ
nm
-1.5
-1.0
-0.5
0
0.5
1.0
2.0
blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com