Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-W51M Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LB-W51M
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-W51M Datasheet(HTML) 4 Page - OSRAM GmbH

  LB-W51M Datasheet HTML 1Page - OSRAM GmbH LB-W51M Datasheet HTML 2Page - OSRAM GmbH LB-W51M Datasheet HTML 3Page - OSRAM GmbH LB-W51M Datasheet HTML 4Page - OSRAM GmbH LB-W51M Datasheet HTML 5Page - OSRAM GmbH LB-W51M Datasheet HTML 6Page - OSRAM GmbH LB-W51M Datasheet HTML 7Page - OSRAM GmbH LB-W51M Datasheet HTML 8Page - OSRAM GmbH LB-W51M Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2009-06-16
4
Vorläufige Daten / Preliminary Data
LB W51M, LD W51M, LT W51M
* Einzelgruppen siehe Seite 5
Individual groups on page 5
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LD
LB
LT
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 350 mA
λ
peak
449
465
520
nm
Dominantwellenlänge
5) Seite 18
(min.)
Dominant wavelength
5) page 18
(typ.)
I
F = 350 mA
(max.)
λ
dom
449
455*
461
464
470*
476
513
528*
537
nm
Spektrale Bandbreite bei 50 %
Φ
rel max
(typ.)
Spectral bandwidth at 50 %
Φ
rel max
I
F = 350 mA
Δλ
25
25
33
nm
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
20
20
20
Grad
deg.
Durchlassspannung
6) Seite 18
(min.)
Forward voltage
6) page 18
(typ.)
I
F = 350 mA
(max.)
V
F
V
F
V
F
2.7
3.2
3.7
2.7
3.2
3.7
2.7
3.2
3.7
V
V
V
Sperrstrom
Reverse current
I
R
not designed for
reverse operation
μA
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 350 mA; –10°C ≤ T ≤ 100°C
TC
V
– 4.0
– 4.0
– 4.0
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 350 mA
η
opt
27 %
15
lm/W
46
lm/W
%
lm/W
max. Optischer Wirkungsgrad mit Linse
max. Optical efficiency with Lens
(typ.)
I
F = 100 mA
η
opt max.
43 %
25
lm/W
90
lm/W
%
lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com