Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-A-Q9WN Datasheet(PDF) 18 Page - OSRAM GmbH

Part # LE-A-Q9WN
Description  compact lightsource in SMT technology with glass window on top
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-A-Q9WN Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button LE-A-Q9WN Datasheet HTML 13Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 14Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 15Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 16Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 17Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 18Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 19Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 20Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 21Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
2014-04-25
18
Version 2.0
LE A Q9WN
Transportation Packing and Materials
Kartonverpackung und Materialien
Dimensions of transportation box in mm (inch):
Width / Breite
Length / Länge
Height / Höhe
195 ± 5 (7.677 ± 0.1968)
195 ±5 (7,677 ±0,1968)
30 ± 5 (1.181 ± 0.196)
Notes
Hinweise
The evaluation of eye safety occurs according to the
standard IEC 62471:2008 ("photobiological safety of
lamps and lamp systems"). Within the risk grouping
system of this CIE standard, the LED specified in this
data sheet fall into the class Exempt group
(exposure time 10000 s). Under real circumstances
(for exposure time, eye pupils, observation
distance), it is assumed that no endangerment to the
eye exists from these devices. As a matter of
principle, however, it should be mentioned that
intense light sources have a high secondary
exposure potential due to their blinding effect. As is
also true when viewing other bright light sources
(e.g. headlights), temporary reduction in visual
acuity and afterimages can occur, leading to
irritation, annoyance, visual impairment, and even
accidents, depending on the situation.
Die Bewertung der Augensicherheit erfolgt nach
dem Standard IEC 62471:2008 ("photobiological
safety of lamps and lamp systems"). Im
Risikogruppensystem dieser CIE- Norm erfüllen die
in diesem Datenblatt angegebenen LEDs folgende
Gruppenanforderung - Exempt group
(Expositionsdauer 10000 s). Unter realen
Umständen (für Expositionsdauer, Augenpupille,
Betrachtungsabstand) geht damit von diesen
Bauelementen keinerlei Augengefährdung aus.
Grundsätzlich sollte jedoch erwähnt werden, dass
intensive Lichtquellen durch ihre Blendwirkung ein
hohes sekundäres Gefahrenpotenzial besitzen.
Nach einem Blick in eine helle Lichtquelle (z.B.
Autoscheinwerfer), kann ein temporär
eingeschränktes Sehvermögen oder auch
Nachbilder zu Irritationen, Belästigungen,
Beeinträchtigungen oder sogar Unfällen führen.
OHA02044
OSRAM
Packing
Sealing label
Barcode label
Moisture
Level
3
Floor
time
168
Hours
Moisture
Level
6
Floor
time
6
Hours
a)
Humidity
Indicator
Card
is
>
10%
when
read
at
23
˚C
±
5
˚C,
or
reflow,
vapor-phase
reflow,
or
equivalent
processing
(peak
package
2.
After
this
bag
is
opened,
devices
that
will
be
subjected
to
infrared
1.
Shelf
life
in
sealed
bag:
24
months
at
<
40
˚C
and
<
90%
relative
humidity
(RH).
Moisture
Level
5a
at
factory
conditions
of
(if
blank,
seal
date
is
identical
with
date
code).
a)
Mounted
within
b)
Stored
at
body
temp.
3.
Devices
require
baking,
before
mounting,
if:
Bag
seal
date
Moisture
Level
1
Moisture
Level
2
Moisture
Level
2a
4.
If
baking
is
required,
b)
2a
or
2b
is
not
met.
Date
and
time
opened:
reference
IPC/JEDEC
J-STD-033
for
bake
procedure.
Floor
time
see
below
If
blank,
see
bar
code
label
Floor
time
>
1
Year
Floor
time
1
Year
Floor
time
4
Weeks
10%
RH.
_
<
Moisture
Level
4
Moisture
Level
5
˚C).
OPTO
SEMICONDUCTORS
MOISTURE
SENSITIVE
This
bag
contains
CAUTION
Floor
time
72
Hours
Floor
time
48
Hours
Floor
time
24
Hours
30
˚C/60%
RH.
_
<
LEVEL
If
blank,
see
bar
code
label
Barcode label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com