Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4625 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4625
Description  20VIN, 5A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4625 Datasheet(HTML) 2 Page - Linear Technology

  LTM4625 Datasheet HTML 1Page - Linear Technology LTM4625 Datasheet HTML 2Page - Linear Technology LTM4625 Datasheet HTML 3Page - Linear Technology LTM4625 Datasheet HTML 4Page - Linear Technology LTM4625 Datasheet HTML 5Page - Linear Technology LTM4625 Datasheet HTML 6Page - Linear Technology LTM4625 Datasheet HTML 7Page - Linear Technology LTM4625 Datasheet HTML 8Page - Linear Technology LTM4625 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTM4625
2
Rev C
For more information www.analog.com
http://www.linear.com/product/LTM4625#orderinfo
ORDER INFORMATION
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SVIN .................................................... –0.3V to 22V
RUN ........................................................... –0.3V to 22V
PGOOD, MODE, TRACK/SS, FREQ, PHMODE,
CLKIN....................................................–0.3V to INTVCC
Internal Operating Temperature Range
(Notes 2, 5)............................................ –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature ................. 245°C
(Note 1)
(See Pin Functions, Pin Configuration Table)
BGA PACKAGE
25-LEAD (6.25mm × 6.25mm × 5.01mm)
TJMAX = 125°C, θJCtop = 17°C/W, θJCbottom = 11°C/W,
θJB + θBA = 22°C/W, θJA = 22°C/W,
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS
θ VALUES DETERMINED PER JESD51-12, WEIGHT = 0.5g
TOP VIEW
CLKIN
SVIN
VIN
VOUT
INTVCC
MODE
GND
A
5
1
2
3
4
SGND
FREQ
PHMODE
TRACK/SS
RUN
B
C
D
E
CLKOUT
PGOOD
FB
COMP
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = SVIN = 12V per the typical application shown on
the front page.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Regulator Section: per Channel
VIN
Input DC Voltage
SVIN = VIN
l
4
20
V
VOUT
Output Voltage Range
l
0.6
5.5
V
VOUT(DC)
Output Voltage, Total
Variation with Line and Load
CIN = 22µF, COUT = 100µF Ceramic, RFB = 40.2k,
MODE = INTVCC, IOUT = 0A to 5A (Note 3)
–40°C to 125°C
l
1.477
1.50
1.523
V
VRUN
RUN Pin On Threshold
VRUN Rising
1.1
1.2
1.3
V
IQ(SVIN)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, MODE = INTVCC
VIN = 12V, VOUT = 1.5V, MODE = GND
Shutdown, RUN = 0, VIN = 12V
6
2
11
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.5V, IOUT = 5A
0.75
A
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(Note 2)
DEVICE
FINISH CODE
LTM4625EY#PBF
SAC305 (RoHS)
LTM4625Y
e1
BGA
3
–40°C to 125°C
LTM4625IY#PBF
SAC305 (RoHS)
LTM4625Y
e1
BGA
3
–40°C to 125°C
LTM4625IY
SnPb (63/37)
LTM4625Y
e0
BGA
3
–40°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com