Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2887 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM2887
Description  SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2887 Datasheet(HTML) 3 Page - Linear Technology

  LTM2887 Datasheet HTML 1Page - Linear Technology LTM2887 Datasheet HTML 2Page - Linear Technology LTM2887 Datasheet HTML 3Page - Linear Technology LTM2887 Datasheet HTML 4Page - Linear Technology LTM2887 Datasheet HTML 5Page - Linear Technology LTM2887 Datasheet HTML 6Page - Linear Technology LTM2887 Datasheet HTML 7Page - Linear Technology LTM2887 Datasheet HTML 8Page - Linear Technology LTM2887 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTM2887
3
2887fb
For more information www.linear.com/LTM2887
LTM2887 C
Y
-3
I
#PBF
LEAD FREE DESIGNATOR
PBF = Lead Free
LOGIC OPTION
I = Inter-IC (I2C) Bus
S = Serial Peripheral Interface (SPI) Bus
INPUT VOLTAGE RANGE
3 = 3V to 3.6V
5 = 4.5V to 5.5V
PACKAGE TYPE
Y = Ball Grid Array (BGA)
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
H = Automotive Temperature Range (–40°C to 125°C)
PRODUCT PART NUMBER
PRODUCT SELECTION GUIDE
ORDER INFORMATION
PART NUMBER
PAD OR BALL
FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
INPUT VOLTAGE
RANGE
LOGIC
OPTION
TEMPERATURE
RANGE
DEVICE
FINISH CODE
LTM2887CY-3I#PBF
SAC305 (RoHS)
LTM2887Y-3I
e1
BGA
3
3V to 3.6V
I2C
0°C to 70°C
LTM2887IY-3I#PBF
–40°C to 85°C
LTM2887HY-3I#PBF
–40°C to 125°C
LTM2887CY-3S#PBF
LTM2887Y-3S
SPI
0°C to 70°C
LTM2887IY-3S#PBF
–40°C to 85°C
LTM2887HY-3S#PBF
–40°C to 125°C
LTM2887CY-5I#PBF
LTM2887Y-5I
4.5V to 5.5V
I2C
0°C to 70°C
LTM2887IY-5I#PBF
–40°C to 85°C
LTM2887HY-5I#PBF
–40°C to 125°C
LTM2887CY-5S#PBF
LTM2887Y-5S
SPI
0°C to 70°C
LTM2887IY-5S#PBF
–40°C to 85°C
LTM2887HY-5S#PBF
–40°C to 125°C
• Device temperature grade is indicated by a label on the
shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For
more information, go to www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/BGA-assy
• BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/BGA-assy
http://www.linear.com/product/LTM2887#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com