Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2889 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 4 Page - Linear Technology

  LTM2889 Datasheet HTML 1Page - Linear Technology LTM2889 Datasheet HTML 2Page - Linear Technology LTM2889 Datasheet HTML 3Page - Linear Technology LTM2889 Datasheet HTML 4Page - Linear Technology LTM2889 Datasheet HTML 5Page - Linear Technology LTM2889 Datasheet HTML 6Page - Linear Technology LTM2889 Datasheet HTML 7Page - Linear Technology LTM2889 Datasheet HTML 8Page - Linear Technology LTM2889 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTM2889
4
2889fa
For more information www.linear.com/LTM2889
ELECTRICAL CHARACTERISTICS The
l
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, the following conditions apply:
PVCC = VCC = 3.3V for the LTM2889-3, PVCC = VCC = 5V for the LTM2889-5, VL = 3.3V, GND = GND2 = S = RE = RS = 0V, ON = VL.
Figure 10 applies for VCC2 = 3.3V; otherwise ADJ is floating. Figure 1 applies with RL = 60Ω and dominant mode measurements are
taken prior to TXD dominant timeout (t < tTOTXD). (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Control Inputs S, ON, RE:
VIH
HIGH-level Input Voltage
VL ≥ 2.35V
l
0.7 • VL
VL + 0.3
V
1.62V ≤ VL < 2.35V
l
0.75 • VL
VL + 0.3
V
VIL
LOW-level Input Voltage
VL ≥ 2.35V
l
–0.3
0.3 • VL
V
1.62V ≤ VL < 2.35V
l
–0.3
0.25 • VL
V
IIH
HIGH-level Input Current
ON = S = RE = VL
l
11
25
µA
IIL
LOW-level Input Current
ON = S = RE = 0V
l
±1
µA
CAN Transmit Data Input Pin TXD
VIH
HIGH-level Input Voltage
VL ≥ 2.35V
l
0.7 • VL
VL + 0.3
V
1.62V ≤ VL < 2.35V
l
0.75 • VL
VL + 0.3
V
VIL
LOW-level Input Voltage
VL ≥ 2.35V
l
–0.3
0.3 • VL
V
1.62V ≤ VL < 2.35V
l
–0.3
0.25 • VL
V
IIH
HIGH-level Input Current
TXD = VL
l
±5
µA
IIL
LOW-level Input Current
TXD = 0V
l
–50
–2
µA
CIN
Input Capacitance
(Note 6)
5
pF
CAN Receive Data Output Pin RXD
IOH
HIGH-level Output Current
RXD = VL – 0.4V
3V ≤ VL ≤ 5.5V
l
–4
mA
1.62V ≤ VL < 3V
l
–1
mA
IOL
LOW-level Output Current
RXD = 0.4V, Bus
Dominant
3V ≤ VL ≤ 5.5V
l
4
mA
1.62V ≤ VL < 3V
l
1
mA
Bus Driver Pins CANH, CANL
VO(D)
Bus Output Voltage (Dominant)
to GND2
CANH
TXD = 0V, t< tTOTXD VCC2 = 5V
l
2.75
3.6
4.5
V
VCC2 = 3.3V
l
2.15
2.9
3.3
V
CANL
TXD = 0V, t< tTOTXD VCC2 = 5V
l
0.5
1.4
2.25
V
VCC2 = 3.3V
l
0.5
0.9
1.65
V
VO(R)
Bus Output Voltage (Recessive) to GND2
VCC2 = 5V, No Load (Figure 1)
l
2
2.5
3
V
VCC2 = 3.3V, No Load (Figure 1)
l
1.45
1.95
2.45
V
VOD(D)
Differential Output Voltage (Dominant)
RL = 50Ω to 65Ω (Figure 1)
l
1.5
2.2
3
V
VOD(R)
Differential Output Voltage (Recessive)
No Load (Figure 1)
l
–500
0
50
mV
VOC(D)
Common Mode Output Voltage (Dominant)
to GND2
VCC2 = 5V, (Figure 1)
l
2
2.5
3
V
VCC2 = 3.3V, (Figure 1)
l
1.45
1.95
2.45
V
IOS(D)
Bus Output Short-Circuit Current
(Dominant)
CANH
CANH = 0V to GND2
l
–100
–75
mA
CANH
CANH = ±60V to GND2
l
–100
3
mA
CANL
CANL = 5V to GND2
l
75
110
mA
CANL
CANL = ±60V to GND2
l
–3
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com