Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-RTDUW-S2WP Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LE-RTDUW-S2WP
Description  compact lightsource in SMT technology with glass window on top
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-RTDUW-S2WP Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LE-RTDUW-S2WP Datasheet HTML 3Page - OSRAM GmbH LE-RTDUW-S2WP Datasheet HTML 4Page - OSRAM GmbH LE-RTDUW-S2WP Datasheet HTML 5Page - OSRAM GmbH LE-RTDUW-S2WP Datasheet HTML 6Page - OSRAM GmbH LE-RTDUW-S2WP Datasheet HTML 7Page - OSRAM GmbH LE-RTDUW-S2WP Datasheet HTML 8Page - OSRAM GmbH LE-RTDUW-S2WP Datasheet HTML 9Page - OSRAM GmbH LE-RTDUW-S2WP Datasheet HTML 10Page - OSRAM GmbH LE-RTDUW-S2WP Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Version 1.1
LE RTDUW S2WP
2018-01-03
7
Relative spektrale Emission pro Chip
2) Seite 24
Relative Spectral Emission per Chip
2) page 24
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
Φ
rel = f (λ), TJ = 25 °C, IF = 1400 mA
LE RTDUW S2WP
350
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,2
0,4
0,6
0,8
1,0
Φrel
: Vλ
: red
: true green
: deep blue
: ultra white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com