Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LO-E67F Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LO-E67F
Description  white PLCC-4 package, colorless clear resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LO-E67F Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LO-E67F Datasheet HTML 4Page - OSRAM GmbH LO-E67F Datasheet HTML 5Page - OSRAM GmbH LO-E67F Datasheet HTML 6Page - OSRAM GmbH LO-E67F Datasheet HTML 7Page - OSRAM GmbH LO-E67F Datasheet HTML 8Page - OSRAM GmbH LO-E67F Datasheet HTML 9Page - OSRAM GmbH LO-E67F Datasheet HTML 10Page - OSRAM GmbH LO-E67F Datasheet HTML 11Page - OSRAM GmbH LO-E67F Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2013-02-14
8
Version 1.1
LO E67F
Forward Current 7) page 19
Durchlassstrom 7) Seite19
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 19 , 8) page 19
Relative Lichtstärke 7) Seite 19, 8) Seite19
IV/IV(50 mA) = f(IF); TS = 25 °C
OHL04608
mA
10
0
V
10
1
2
10
I
F
V
F
2.3
1.5
1.7
1.9
2.1
2.5
amber,
yellow
orange
OHL04151
I
F
10
0
510
1
10
mA
2
102
-1
10
0
10
5
1
10
5
5
10-2
V
I
V
I (50 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com