Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA11235 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA11235
Description  ~30째 medium beam optimized for Nichia NS9x153. Assembly with black holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11235 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA11235 Datasheet HTML 1Page - Ledil, Inc. FA11235 Datasheet HTML 2Page - Ledil, Inc. FA11235 Datasheet HTML 3Page - Ledil, Inc. FA11235 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA11235_NIS53-M
NIS53-M
~30°
medium
beam
optimized
for
Nichia
NS9x153. Assembly with black holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13 mm
Fastening
tape
Colour
black
Box size
Box weight
0 kg
Quantity in Box
2304 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-A-A-M
Lens
PC
clear
ROSE-HLD-N153-BLK
Holder
PC
black
ROSE-TAPE
Tape
PU tape
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA11235

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA11233 LEDIL-FA11233 Datasheet
6Mb / 4P
~15째 smooth spot beam optimized for Nichia NS9x153. Assembly with black holder.
FA11234 LEDIL-FA11234 Datasheet
5Mb / 4P
~16째 diffused spot beam optimized for Nichia NS9x153. Assembly with black holder.
FA11236 LEDIL-FA11236 Datasheet
5Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS9x153. Assembly with black holder.
FA11237 LEDIL-FA11237 Datasheet
2Mb / 4P
~60째 wide beam optimized for Nichia NS9x153. Assembly with black holder.
More results

Similar Description - FA11235

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11021 LEDIL-CA11021 Datasheet
3Mb / 4P
~30째 medium beam optimized for Nichia NCSxx19.
CA10592 LEDIL-CA10592 Datasheet
1Mb / 4P
~30째 medium beam optimized for Nichia NJSx036. Assembly with white holder.
CA11839 LEDIL-CA11839_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Nichia NS6x83. Assembly with white holder.
CA12126 LEDIL-CA12126 Datasheet
5Mb / 4P
~30째 medium beam optimized for Nichia NS6x83. Assembly with black holder.
FA11233 LEDIL-FA11233 Datasheet
6Mb / 4P
~15째 smooth spot beam optimized for Nichia NS9x153. Assembly with black holder.
FA11234 LEDIL-FA11234 Datasheet
5Mb / 4P
~16째 diffused spot beam optimized for Nichia NS9x153. Assembly with black holder.
FA11236 LEDIL-FA11236 Datasheet
5Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS9x153. Assembly with black holder.
FA11237 LEDIL-FA11237 Datasheet
2Mb / 4P
~60째 wide beam optimized for Nichia NS9x153. Assembly with black holder.
FCA10937 LEDIL-FCA10937 Datasheet
1Mb / 3P
~30째 medium beam optimized for Nichia NJSx036. Assembly with white holder.
CA11976 LEDIL-CA11976 Datasheet
4Mb / 5P
~30째 medium beam optimized for Nichia 19.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com