Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4633 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4633
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 18Page - Linear Technology LTM4633 Datasheet HTML 19Page - Linear Technology LTM4633 Datasheet HTML 20Page - Linear Technology LTM4633 Datasheet HTML 21Page - Linear Technology LTM4633 Datasheet HTML 22Page - Linear Technology LTM4633 Datasheet HTML 23Page - Linear Technology LTM4633 Datasheet HTML 24Page - Linear Technology LTM4633 Datasheet HTML 25Page - Linear Technology LTM4633 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTM4634
22
4634f
For more information www.linear.com/LTM4634
Figure 11. 12V Power Loss (Ch3)
Figure 12. 24V Power Loss
(Ch1 and Ch2)
Figure 13. 24V Power Loss (Ch3)
Figure 8. 5V Input Power Loss
(Ch1 and Ch2)
Figure 9. 5V Input Power Loss (Ch3)
Figure 10. 12V Input Power Loss
(Ch1 and Ch2)
applicaTions inForMaTion
LOAD CURRENT (A)
0
0
0.2
0.4
0.6
1.4
1.0
1.0
2.0 2.5
4.5
1.2
0.8
0.1
0.3
0.5
1.3
0.9
1.1
0.7
0.5
1.5
3.0 3.5 4.0
5.0
4634 F08
5V TO 3.3V POWER
LOSS CURVE
5V TO 2.5V POWER
LOSS CURVE
5V TO 1.8V POWER
LOSS CURVE
5V TO 1.5V POWER
LOSS CURVE
5V TO 1.2V POWER
LOSS CURVE
5V TO 1V POWER
LOSS CURVE
LOAD CURRENT (A)
0
0
0.2
0.4
0.6
1.4
1.0
1.0
2.0 2.5
4.5
1.2
0.8
0.1
0.3
0.5
1.3
0.9
1.1
0.7
0.5
1.5
3.0 3.5 4.0
5.0
4634 F09
5V TO 3.3V POWER
LOSS CURVE
5V TO 2.5V POWER
LOSS CURVE
5V TO 1.8V POWER
LOSS CURVE
5V TO 1.5V POWER
LOSS CURVE
5V TO 1.2V POWER
LOSS CURVE
5V TO 1V POWER
LOSS CURVE
LOAD CURRENT (A)
0
0
0.2
0.4
0.6
1.6
1.0
1.0
2.0 2.5
4.5
1.2
0.8
0.1
0.3
0.5
1.3
1.4
1.5
0.9
1.1
0.7
0.5
1.5
3.0 3.5 4.0
5.0
4634 F10
12V TO 5V POWER
LOSS CURVE
12V TO 3.3V POWER
LOSS CURVE
12V TO 2.5V POWER
LOSS CURVE
12V TO 1.8V POWER
LOSS CURVE
12V TO 1.5V POWER
LOSS CURVE
12V TO 1.2V POWER
LOSS CURVE
12V TO 1V POWER
LOSS CURVE
LOAD CURRENT (A)
0
0
0.2
0.4
0.6
1.8
1.0
1.0
2.0 2.5
4.5
1.2
0.8
0.1
0.3
0.5
1.3
1.4
1.5
1.6
1.7
0.9
1.1
0.7
0.5
1.5
3.0 3.5 4.0
5.0
4634 F11
12V TO 5V POWER
LOSS CURVE
12V TO 3.3V POWER
LOSS CURVE
12V TO 2.5V POWER
LOSS CURVE
12V TO 1.8V POWER
LOSS CURVE
12V TO 1.5V POWER
LOSS CURVE
12V TO 1.2V POWER
LOSS CURVE
12V TO 1V POWER
LOSS CURVE
LOAD CURRENT (A)
0
0
0.2
0.4
0.6
1.8
2.0
2.2
2.4
1.0
1.0
2.0 2.5
4.5
1.2
0.8
1.4
1.6
0.5
1.5
3.0 3.5 4.0
5.0
4634 F12
24V TO 5V POWER
LOSS CURVE
24V TO 3.3V POWER
LOSS CURVE
24V TO 2.5V POWER
LOSS CURVE
24V TO 1.8V POWER
LOSS CURVE
24V TO 1.5V POWER
LOSS CURVE
24V TO 1.2V POWER
LOSS CURVE
24V TO 1V POWER
LOSS CURVE
LOAD CURRENT (A)
0
0
0.2
0.4
0.6
1.8
2.0
2.2
2.4
1.0
1.0
2.0 2.5
4.5
1.2
0.8
1.4
1.6
0.5
1.5
3.0 3.5 4.0
5.0
4634 F12
24V TO 12V POWER
LOSS CURVE
24V TO 5V POWER
LOSS CURVE
24V TO 3.3V POWER
LOSS CURVE
24V TO 2.5V POWER
LOSS CURVE
24V TO 1.8V POWER
LOSS CURVE
24V TO 1.5V POWER
LOSS CURVE
24V TO 1.2V POWER
LOSS CURVE
24V TO 1V POWER
LOSS CURVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com