Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4637 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4637
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4637 Datasheet(HTML) 5 Page - Linear Technology

  LTM4637 Datasheet HTML 1Page - Linear Technology LTM4637 Datasheet HTML 2Page - Linear Technology LTM4637 Datasheet HTML 3Page - Linear Technology LTM4637 Datasheet HTML 4Page - Linear Technology LTM4637 Datasheet HTML 5Page - Linear Technology LTM4637 Datasheet HTML 6Page - Linear Technology LTM4637 Datasheet HTML 7Page - Linear Technology LTM4637 Datasheet HTML 8Page - Linear Technology LTM4637 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTM4633
5
4633f
For more information www.linear.com/LTM4633
Typical perForMance characTerisTics
12V to 1V Load Step Response
Light Load Efficiency
12V to 1.8V Load Step Response
12V to 1.2V Load Step Response
12V to 2.5V Load Step Response
12V to 1.5V Load Step Response
5V Input Efficiency
8V Input Efficiency
12V Input Efficiency
5VIN TO 1.5V (700kHz)
5VIN TO 1.2V (700kHz)
5VIN TO 1V (700kHz)
4633 G01
5VIN TO 3.3V (700kHz)
5VIN TO 2.5V (700kHz)
5VIN TO 1.8V (700kHz)
LOAD CURRENT (A)
0
94
96
98
8
88
90
92
86
84
82
1
2
3
4
5
6
7
9 10
8VIN TO 1.5V (700kHz)
8VIN TO 1.2V (700kHz)
8VIN TO 1V (700kHz)
4633 G02
8VIN TO 5V (700kHz)
8VIN TO 3.3V (700kHz)
8VIN TO 2.5V (700kHz)
8VIN TO 1.8V (700kHz)
LOAD CURRENT (A)
0
94
96
98
8
88
90
92
86
84
82
80
78
1
2
3
4
5
6
7
9 10
12VIN TO 1.5V (700kHz)
12VIN TO 1.2V (700kHz)
12VIN TO 1V (700kHz)
4633 G03
12VIN TO 5V (700kHz)
12VIN TO 3.3V (700kHz)
12VIN TO 2.5V (700kHz)
12VIN TO 1.8V (700kHz)
LOAD CURRENT (A)
0
94
96
98
8
88
90
92
86
84
82
80
78
1
2
3
4
5
6
7
9 10
VOUT
50mV/DIV
IOUT
2A/DIV
40µs/DIV
CFF = 220pF, 0A TO 5A LOAD STEP AT 5A/µs
COUT = 2 × 100µF CERAMIC, 1 × 470µF POSCAP
4633 G04
VOUT
50mV/DIV
IOUT
2A/DIV
40µs/DIV
CFF = 220pF, 0A TO 5A LOAD STEP AT 5A/µs
COUT = 2 × 100µF CERAMIC, 1 × 470µF POSCAP
4633 G05
VOUT
50mV/DIV
IOUT
2A/DIV
40µs/DIV
CFF = 220pF, 0A TO 5A LOAD STEP AT 5A/µs
COUT = 2 × 100µF CERAMIC, 1 × 470µF POSCAP
4633 G06
VOUT
50mV/DIV
IOUT
2A/DIV
40µs/DIV
CFF = 220pF, 0A TO 5A LOAD STEP AT 5A/µs
COUT = 2 × 100µF CERAMIC, 1 × 470µF POSCAP
4633 G07
VOUT
100mV/DIV
IOUT
2A/DIV
50µs/DIV
CFF = 100pF, 0A TO 5A LOAD STEP AT 5A/µs
COUT = 2 × 100µF CERAMIC
4633 G08
LOAD CURRENT (A)
0
0
10
30
40
50
3 3.5 4 4.5
90
4633 G17
20
0.5 1 1.5 2 2.5
5
60
70
80
12V TO 1.5V CONT MODE
12V TO 1.5V PULSE SKIP
12V TO 1.5V Burst Mode
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com