Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4644 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4644
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology LTM4644 Datasheet HTML 10Page - Linear Technology LTM4644 Datasheet HTML 11Page - Linear Technology LTM4644 Datasheet HTML 12Page - Linear Technology LTM4644 Datasheet HTML 13Page - Linear Technology LTM4644 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTM4634
10
4634f
For more information www.linear.com/LTM4634
operaTion
Power Module Description
The LTM4634 µModule regulator is a high performance
triple output nonisolated switching mode DC/DC power
supply. It can provide 5A/5A/4A outputs with a few ex-
ternal input and output capacitors. This module provides
precisely regulated output voltages programmable via
external resistors from 0.8V DC to 5.5V DC (VOUT1 and
VOUT2), and 0.8V DC to 13.5V DC (VOUT3). When apply-
ing control bias in the range from 4.75V to 5.8V, then
connect the bias to CNTL_PWR and INTVCC, otherwise
if >5.8V only the CNTL_PWR pin needs to be biased. The
typical application schematic is shown in Figure 22.
TheLTM4634hasthreeintegratedconstant-frequencycur-
rent mode regulators, power MOSFETs, power inductors,
and other supporting discrete components. The typical
switching frequency is 750kHz. For switching noise-
sensitive applications, it can be externally synchronized
from 250kHz to 750kHz. Operating frequency range will
be dependent upon specific VIN and VOUT requirements
as they pertain to minimum on-time and inductor ripple
current of less than 60% of the load current. See the Ap-
plications Information section.
With current mode control and internal feedback loop
compensation, the LTM4634 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides cycle-by-cycle fast current
limit in an overcurrent condition. An internal overvoltage
monitor protects the output voltages in the event of an
overvoltage >10%. The top MOSFET is turned off and the
bottom MOSFET is turned on until the output overvoltage
is cleared. There are two temperatures monitors in the
LTM4634. TEMP1 monitors the close relative tempera-
ture of channels 1 and 2, and TEMP2 monitors the close
relative temperature of channels 2 and 3. The two diode
connected PNP transistors are grounded in the module
and can be used as general purpose temperature monitors
usingadevicethatisdesignedtomonitorthesingle-ended
connection.
Pulling any of the RUN pins below 1.15V forces that
regulator channel into a shutdown state. The TK/SS pins
are used for programming the output voltage ramp and
voltage tracking during start-up for each of the channels.
See the Applications Information section.
TheLTM4634isinternallycompensatedtobestableoverall
operatingconditions.Table4providesaguidelineforinput
and output capacitances for several operating conditions.
The LTpowerCAD™ software tool is provided for transient
and stability analysis. The VFB pin is used to program the
output voltage with a single external resistor to ground.
Each of the channels, operate 120° phase shift for mul-
tiphase operation. VOUT1 and VOUT2 can be combined to
provide a single 10A output. The two channels will not be
operating180°phaseshift,but120°phasewhencombined
for a 10A design. So the input RMS current may be higher
than a 180° phase shifted design. See the Applications
Information section for details.
High efficiency at light loads can be accomplished with
selectable Burst Mode operation using the MODE/PLLIN
pin. These light load features will accommodate battery
operation. Efficiency graphs are provided for light load op-
erationintheTypicalPerformanceCharacteristicssection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com