Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4630 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4630
Description  40A DC/DC 關Module Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 3 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTM4636
3
4636f
For more information www.linear.com/LTM4636
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = 12V, per the Typical Application in Figure 20.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
VIN ≤ 5.5V, Tie VIN, INTVCC and PVCC Together, Tie RUNP
to GND
l
4.7
15
V
VOUT
VOUT Range
l
0.6
3.3
V
VOUT(DC)
DC Output Voltage, Total
Variation with Line and Load
CIN = 22µF × 5
COUT = 100µF × 4 Ceramic, 470µF POSCAP × 3
RFB = 40.2k, MODE_PLLIN = GND
VIN = 4.75V to 15V, IOUT = 0A to 40A (Note 4)
l
1.4805
1.5
1.5195
V
Input Specifications
VRUNC
RUNC Pin On Threshold
VRUNC Rising
1.1
1.22
1.35
V
VRUNCHYS
RUNC Pin On Hysteresis
150
mV
VRUNP
RUNP Pin On Threshold
RUNP Pin Rising
l
0.7
0.8
0.9
V
RUNP HYS
RUNP Pin Hysteresis
60
mV
HIZREG
HIZREG Input Threshold
VIN = 12V, RUNC = 5V, RUNP = VIN, VOUT = 1.5V
2.3
V
HIZREG HYS
HIZREG Hysteresis
VIN = 12V, RUNC = 5V, RUNP = VIN, VOUT = 1.5V
0.8
V
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, Burst Mode Operation, IOUT = 0.1A
VIN = 12V, VOUT = 1.5V, Pulse-Skipping Mode, IOUT = 0.1A
VIN = 12V, VOUT = 1.5V, Switching Continuous, IOUT = 0.1A
Shutdown, RUN = 0, VIN = 12V
16
23
105
30
mA
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 5V, VOUT = 1.5V, IOUT = 40A
VIN = 12V, VOUT = 1.5V, IOUT = 40A
14.7
5.66
A
A
Output Specifications
IOUT(DC)
Output Continuous Current
Range
VIN = 12V, VOUT = 1.5V (Note 4)
0
40
A
∆VOUT (Line)
VOUT
Line Regulation Accuracy
VOUT = 1.5V, VIN from 4.75V to 15V
IOUT = 0A
l
0.02
0.06
%/V
∆VOUT (Load)
VOUT
Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 40A, VIN = 12V (Note 4)
l
0.2
0.35
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF × 3 Ceramic, 470µF × 3 POSCAP,
VIN = 12V, VOUT = 1.5V
15
mVP-P
∆VOUT(START)
Turn-On Overshoot
COUT = 100µF × 4 Ceramic, 470µF × 3 POSCAP,
VOUT = 1.5V, IOUT = 0A, VIN = 12V, TRACK/SS = 0.1µF
5
mV
tSTART
Turn-On Time
COUT = 100µF × 3 Ceramic, 470µF × 3 POSCAP,
No Load, TRACK/SS = 0.001µF, VIN = 12V
50
ms
∆VOUTLS
Peak Deviation for Dynamic
Load
Load: 0% to 50% to 0% of Full Load
COUT = 100µF × 4 Ceramic, 470µF × 3 POSCAP,
VIN = 12V, VOUT = 1.5V, CFF = 22pF
45
mV
tSETTLE
Settling Time for Dynamic
Load Step
Load: 0% to 50% to 0% of Full Load, VIN = 5V,
COUT = 100µF × 4 Ceramic, 470µF × 3 POSCAP,
VIN = 12V, VOUT = 1.5V, CFF = 22pF
25
µs
IOUTPK
Output Current Limit
VIN = 12V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
54
54
A
A
Control Section
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 1.5V
l
0.594
0.600
0.606
V
IFB
Current at VFB Pin
(Note 6)
–30
–100
nA
VOVL
Feedback Overvoltage
Lockout
Measure at VOUTS1
l
5
7.5
10
%
ITRACK/SS
Track Pin Soft-Start Pull-Up
Current
TRACK/SS = 0V, Default 750µs Turn on with TRACK/SS
Tied to INTVCC
1.1
1.35
1.6
µA
tON(MIN)
Minimum On-Time
(Note 3)
100
ns
RFBHI
Resistor Between VOUTS1
and VFB Pins
4.99
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com