Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4615 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4615
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 20Page - Linear Technology LTM4615 Datasheet HTML 21Page - Linear Technology LTM4615 Datasheet HTML 22Page - Linear Technology LTM4615 Datasheet HTML 23Page - Linear Technology LTM4615 Datasheet HTML 24Page - Linear Technology LTM4615 Datasheet HTML 25Page - Linear Technology LTM4615 Datasheet HTML 26Page - Linear Technology LTM4615 Datasheet HTML 27Page - Linear Technology LTM4615 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTM4642
24
4642fb
For more information www.linear.com/LTM4642
applicaTions inForMaTion
Figure 25. Recommended PCB Layout
Layout Checklist/Example
The high integration of LTM4642 makes the PCB board
layoutverysimpleandeasy.However,tooptimizeitselectri-
cal and thermal performance, some layout considerations
are still necessary.
• Use large PCB copper areas for high current path, in-
cluding VIN1, VIN2, PGND, VOUT1 and VOUT2. It helps to
minimize the PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VIN, PGND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath the
unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnections
between top layer and other power layers.
• Do not put vias directly on the pads.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to PGND underneath the unit.
• Decouple the input and output grounds to lower the
output ripple noise.
Figure 25givesagoodexampleoftherecommendedlayout.
CIN3
CIN4
CIN1
VIN1
VIN2
GND
GND
4642 F25
GND
GND
VOUT2
VOUT2
VOUT1
VOUT1
GND
GND
COUT2
CINTVCC
CIN2
COUT2
A
1
2
3
4
5
6
7
B
C
D
E
F
G
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com