Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4643EV Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4643EV
Description  Quad DC/DC 關Module Regulator with Configurable 3A Output Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4643EV Datasheet(HTML) 6 Page - Linear Technology

  LTM4643EV Datasheet HTML 1Page - Linear Technology LTM4643EV Datasheet HTML 2Page - Linear Technology LTM4643EV Datasheet HTML 3Page - Linear Technology LTM4643EV Datasheet HTML 4Page - Linear Technology LTM4643EV Datasheet HTML 5Page - Linear Technology LTM4643EV Datasheet HTML 6Page - Linear Technology LTM4643EV Datasheet HTML 7Page - Linear Technology LTM4643EV Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
dc2453afb
DEMO MANUAL DC2453A
parts List
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
2
C1, C3
CAP, CER, 22μF, 25V, X5R, 20%, 1206
MURATA, GRM31CR61E226ME15L
2
1
C6
CAP, X5R, 1μF, 16V 10%, 0603
AVX, 0603YD105KAT2A
3
4
C9, C17 ,C28, C36
CAP, CER, 47μF, 6.3V, X5R, 20%,1210
AVX, 12106D476MAT2A
4
4
C10, C16, C29, C35
CAP, CER, 47μF, 6.3V, X5R, 20%, 1206
TAIYO YUDEN, JMK316ABJ476MLHT
5
4
C25, C26, C45, C46
CAP, CER, 0.10μF, 50V, X7R, 10%, 0603
TDK, C1608X7R1H104K
6
1
R1
RES, 10k, 1%, 1/10W, 0603
VISHAY, CRCW060310K0FKED
7
1
R2
RES, 1Ω, 5%, 1/10W, 0603
VISHAY,CRCW06031R00JNEA
8
1
R3
RES, 13.3k, 1%, 1/10W, 0603
VISHAY CRCW060313K3FKEA
9
1
R4
RES, 40.2k, 1%, 1/10W, 0603
VISHAY CRCW060340K2FKEA
10
1
R11
RES, 19.1k, 1%, 1/10W, 0603
VISHAY CRCW060319K1FKEA
11
1
R12
RES, 60.4k, 1%, 1/10W, 0603
VISHAY CRCW060360K4FKEA
12
1
R28
RES, 0805, 0Ω 5% 1/16W
VISHAY, CRCW08050000Z0EA
13
1
U1
LTM4643EV, BGA-15X9-5.01
LINEAR TECH. CORP. LTM4643EV#PBF
Additional Demo Board Circuit Components
1
2
C4, C5
CAP, CER, 22μF, 25V, X5R, 20%, 1206
MURATA, GRM31CR61E226ME15L
2
1
C2
CAP, POSCAP, 33μF, 25V, 7343
PANASONIC, 25TQC33MYF
3
6
C7, C21, C22, C31, C41, C42
CAP, 0603
OPTION
4
4
C8, C18, C27, C37
CAP, POSCAP, 7343
OPTION
5
8
C11, C12, C14, C15, C30, C33, C34, C38 CAP, CER, 1206
OPTION
6
2
C13, C32
CAP, CER, 100pF, 25V, X7R, 10%, 0603
AVX 06033C101KAT2A
7
4
R7, R8, R15, R16
RES, 0Ω, 1%, 1/10W, 0603
VISHAY, CRCW06030000Z0ED
8
4
R19, R20, R21, R22
RES, 150k, 5%, 1/10W, 0603
VISHAY CRCW0603150KJNEA
9
8
R23, R24, R25, R26, R27, R29, R30, R31 RES, 100k, 5%, 1/10W, 0603
VISHAY CRCW0603100KJNEA
10
16
R9, R10, R17, R18, R32-R35, R37-R40,
R42-R45
RES, 0603,OPT
OPT
11
3
R36, R41, R46
RES, 0 OHM, 2512,OPT
OPT
Hardware
1
16
E1, E3-E17
TESTPOINT, TURRET 0.094"
MILL MAX 2501-2-00-80-00-00-07-0
2
2
J1, J2
JACK, BANANA
KEYSTONE 575-4
3
8
JP1-JP8
HEADER, 0.079" SINGLE ROW, 3-PIN
SULLINS, NRPN031PAEN-RC
4
8
XJP1-XJP8
SHUNT, 0.079" CENTER
SAMTEC, 2SN-BK-G
5
4
STAND-OFFS
STAND-OFF, NYLON 0.375" TALL (SNAP ON) KEYSTONE, 8832



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com