Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4628 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4628
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4628 Datasheet HTML 17Page - Linear Technology LTM4628 Datasheet HTML 18Page - Linear Technology LTM4628 Datasheet HTML 19Page - Linear Technology LTM4628 Datasheet HTML 20Page - Linear Technology LTM4628 Datasheet HTML 21Page - Linear Technology LTM4628 Datasheet HTML 22Page - Linear Technology LTM4628 Datasheet HTML 23Page - Linear Technology LTM4628 Datasheet HTML 24Page - Linear Technology LTM4628 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTM4642
21
4642fb
For more information www.linear.com/LTM4642
applicaTions inForMaTion
process and due diligence yields a set of derating curves
provided in other sections of this data sheet. After these
laboratory tests have been performed, then the θJB and
θBA are summed together to correlate quite well with the
LTM4642modelwithnoairfloworheatsinkinginaproperly
define chamber. This θJB + θBA value is shown in the Pin
Configuration section and should accurately equal the θJA
value because approximately 100% of power loss flows
from the junction through the board into ambient with no
airflow or top mounted heat sink. Each system has its own
thermal characteristics, therefore thermal analysis must
be performed by the user in a particular system.
The LTM4642 has been designed to effectively remove
heat from both the top and bottom of the package. The
bottom substrate material has very low thermal resistance
to the printed circuit board and the exposed top metal is
thermally connected to the power devices and the power
inductors. An external heat sink can be applied to the top of
the device for excellent heat sinking with airflow. Basically
all power dissipating devices are mounted directly to the
substrate and the top exposed metal. This provides two
low thermal resistance paths to remove heat.
Safety Considerations
The LTM4642 modules do not provide galvanic isolation
from VIN to VOUT. There is no internal fuse. If required,
a slow blow fuse with a rating twice the maximum input
current needs to be provided to protect each unit from
catastrophic failure.
VIN (V)
VOUT1 (V) VOUT2 (V)
ILOAD PER
PHASE (A)
fSW (kHz)
HOT TEMP
PEAK TEMP (°C)
12
2.5
1.5
4
1000
56.6
Figure 7. Thermal Plot for the Specified Operation. The Temperature Rise About 25°C Ambient Is About 30°C Rise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com