Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4644 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4644
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4644 Datasheet HTML 16Page - Linear Technology LTM4644 Datasheet HTML 17Page - Linear Technology LTM4644 Datasheet HTML 18Page - Linear Technology LTM4644 Datasheet HTML 19Page - Linear Technology LTM4644 Datasheet HTML 20Page - Linear Technology LTM4644 Datasheet HTML 21Page - Linear Technology LTM4644 Datasheet HTML 22Page - Linear Technology LTM4644 Datasheet HTML 23Page - Linear Technology LTM4644 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTM4643
20
4643fb
For more information www.linear.com/LTM4643
APPLICATIONS INFORMATION
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F18
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F19
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F16
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F17
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F20
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
Figure 14. 5VIN to 1.0VOUT Derating
Curve, 4-Channel Paralleled,
No Heat Sink
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F14
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F15
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
Figure 15. 12VIN to 1.0VOUT Derating
Curve, 4-Channel Paralleled,
No Heat Sink
Figure 16. 5VIN to 1.0VOUT Derating
Curve, 4-Channel Paralleled,
BGA Heat Sink
Figure 17. 12VIN to 1.0VOUT Derating
Curve, 4-Channel Paralleled,
BGA Heat Sink
Figure 18. 5VIN to 1.5VOUT Derating
Curve, 4-Channel Paralleled,
No Heat Sink
Figure 19. 12VIN to 1.5VOUT Derating
Curve, 4-Channel Paralleled,
No Heat Sink
Figure 20. 5VIN to 1.5VOUT Derating
Curve, 4-Channel Paralleled,
BGA Heat Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com