Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4645 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4645
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 18Page - Linear Technology LTM4645 Datasheet HTML 19Page - Linear Technology LTM4645 Datasheet HTML 20Page - Linear Technology LTM4645 Datasheet HTML 21Page - Linear Technology LTM4645 Datasheet HTML 22Page - Linear Technology LTM4645 Datasheet HTML 23Page - Linear Technology LTM4645 Datasheet HTML 24Page - Linear Technology LTM4645 Datasheet HTML 25Page - Linear Technology LTM4645 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTM4645
22
4645f
For more information www.linear.com/LTM4645
applicaTions inForMaTion
Figure 12. 1V Power Loss Curve
Figure 13. 1.5V Power Loss Curve
Figure 14. 12V to 1V Derating Curve,
No Heat Sink
Figure 15. 5V to 1V Derating Curve,
No Heat Sink
Figure 16. 12V to 1V Derating Curve,
BGA Heat Sink
Figure 17. 5V to 1V Derating Curve,
BGA Heat Sink
Figure 18. 12V to 1.5V Derating Curve,
No Heat Sink
Figure 19. 5V to 1.5V Derating Curve,
No Heat Sink
LOAD CURRENT (A)
0
6
5
3
2
4
1
0
20
10
25
4645 F12
15
5
VIN = 5V
VIN = 12V
LOAD CURRENT (A)
0
6
5
3
2
4
1
0
20
10
25
4645 F13
15
5
VIN = 5V
VIN = 12V
AMBIENT TEMPERATURE (°C)
30
30
20
15
25
10
5
0
80
50 60
90 100 110
4645 F14
120
70
40
0LMF
200LMF
400LMF
AMBIENT TEMPERATURE (°C)
30
30
20
15
25
10
5
0
80
50 60
90 100 110
4645 F15
120
70
40
0LMF
200LMF
400LMF
AMBIENT TEMPERATURE (°C)
30
30
20
15
25
10
5
0
80
50 60
90 100 110
4645 F16
120
70
40
0LMF
200LMF
400LMF
AMBIENT TEMPERATURE (°C)
30
30
20
15
25
10
5
0
80
50 60
90 100 110
4645 F17
120
70
40
0LMF
200LMF
400LMF
AMBIENT TEMPERATURE (°C)
30
30
20
15
25
10
5
0
80
50 60
90 100 110
4645 F18
120
70
40
0LMF
200LMF
400LMF
AMBIENT TEMPERATURE (°C)
30
30
20
15
25
10
5
0
80
50 60
90 100 110
4645 F19
120
70
40
0LMF
200LMF
400LMF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com