Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4627 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4627
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4627 Datasheet HTML 9Page - Linear Technology LTM4627 Datasheet HTML 10Page - Linear Technology LTM4627 Datasheet HTML 11Page - Linear Technology LTM4627 Datasheet HTML 12Page - Linear Technology LTM4627 Datasheet HTML 13Page - Linear Technology LTM4627 Datasheet HTML 14Page - Linear Technology LTM4627 Datasheet HTML 15Page - Linear Technology LTM4627 Datasheet HTML 16Page - Linear Technology LTM4627 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTM4649
13
4649fc
For more information www.linear.com/LTM4649
APPLICATIONS INFORMATION
PLL and Frequency Synchronization
The LTM4649 device operates over a range of frequen-
cies to improve power conversion efficiency. The nominal
switchingfrequencyis450kHz.Itcanalsobesynchronized
from 400kHz to 800kHz with an input clock that has a high
level above 2V and a low level below 0.8V at the CLKIN pin.
Once the LTM4649 is synchronizing to an external clock
frequency, it will always be running in Forced Continuous
operation.Althoughsynchronizationto250kHzispossible,
400kHz is the lowest recommended operating frequency
to limit inductor ripple current.
Multiphase Operation
For outputs that demand more than 10A of load current,
multiple LTM4649 devices can be paralleled to provide
more output current and reduced input and output volt-
age ripple.
The CLKOUT signal together with CLKIN pin can be used
tocascadeadditionalpowerstagestoachieveamultiphase
power supply solution. Tying the PHMODE pin to INTVCC,
GND, or leaving it floating generates a phase difference
(between CLKIN and CLKOUT) of 180°, 120°, or 90°
respectively as shown in Table 2. A total of 4 phases can
be cascaded to run simultaneously with respect to each
other by programming the PHMODE pin of each LTM4649
channel to different levels. Figure 3 shows a 3-phase de-
sign and 4-phase design example for clock phasing with
the PHMODE table.
Table 2. PHMODE and CLKOUT Signal Relationship
PHMODE
GND
FLOAT
INTVCC
CLKOUT
120°
90°
180°
The LTM4649 device is an inherently current mode con-
trolled device, so parallel modules will have good current
sharing. This will balance the thermals in the design. Tie
the COMP, VFB,TRACK/SSandRUNpinsofeachLTM4649
together to share the current evenly. Figures 19 and 20
each show a schematic of a parallel design.
4649 F03
4-PHASE DESIGN
3-PHASE DESIGN
90 DEGREE
90 DEGREE
90 DEGREE
0 PHASE
FLOAT
FLOAT
FLOAT
FLOAT
CLKIN
VOUT
PHMODE
CLKOUT
90 PHASE
CLKIN
VOUT
PHMODE
CLKOUT
180 PHASE
CLKIN
VOUT
PHMODE
CLKOUT
270 PHASE
CLKIN
VOUT
PHMODE
CLKOUT
120 DEGREE
120 DEGREE
0 PHASE
GND
GND
GND
CLKIN
VOUT
PHMODE
CLKOUT
120 PHASE
CLKIN
VOUT
PHMODE
CLKOUT
240 PHASE
CLKIN
VOUT
PHMODE
CLKOUT
Figure 3. Examples of 3-Phase, 4-Phase Operation with PHMODE Table
FREQ PIN VOLTAGE (V)
0
900
800
600
400
100
200
700
500
300
0
2
4649 F02
2.5
1
1.5
0.5
Figure 2. Operating Frequency vs FREQ Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com