Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4650 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4650
Description  Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4650 Datasheet(HTML) 4 Page - Linear Technology

  LTM4650 Datasheet HTML 1Page - Linear Technology LTM4650 Datasheet HTML 2Page - Linear Technology LTM4650 Datasheet HTML 3Page - Linear Technology LTM4650 Datasheet HTML 4Page - Linear Technology LTM4650 Datasheet HTML 5Page - Linear Technology LTM4650 Datasheet HTML 6Page - Linear Technology LTM4650 Datasheet HTML 7Page - Linear Technology LTM4650 Datasheet HTML 8Page - Linear Technology LTM4650 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTM4650-1
4
46501fc
For more information www.linear.com/LTM4650-1
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified internal
operating temperature range. Specified as each individual output channel. TA = 25°C (Note 2), VIN = 12V and VRUN1, VRUN2 at 5V
unless otherwise noted. Per the typical application in Figure 24.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSETTLE
(Each Channel)
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load,
VIN = 12V, COUT = 100µF, 470µF POSCAP
20
µs
IOUT(PK)
(Each Channel)
Output Current Limit
VIN = 12V, VOUT = 1.2V
35
A
Control Section
VFB1, VFB2
Voltage at VFB Pins
IOUT = 0A, VOUT = 1.2V
A-Grade
B-Grade
l
l
0.596
0.594
0.600
0.600
0.604
0.606
V
V
IFB
(Note 5)
–5
–20
nA
VOVL
Feedback Overvoltage Lockout
l
0.64
0.66
0.68
V
TRACK1 (I),
TRACK2 (I)
Track Pin Soft-Start Pull-Up Current TRACK1 (I),TRACK2 (I) Start at 0V
1
1.3
1.5
µA
UVLO
Undervoltage Lockout (Falling)
3.3
V
UVLO Hysteresis
0.6
V
tON(MIN)
Minimum On-Time
(Note 5)
90
ns
RFBHI1, RFBHI2
Resistor Between VOUTS1, VOUTS2
and VFB1, VFB2 Pins for Each Output
60.05
60.4
60.75
kΩ
VPGOOD1, VPGOOD2
Low
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±5
µA
VPGOOD
PGOOD Trip Level
VFB with Respect to Set Output Voltage
VFB Ramping Negative
VFB Ramping Positive
–10
10
%
%
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 15V
4.8
5
5.2
V
VINTVCC
Load Regulation
INTVCC Load Regulation
ICC = 0mA to 50mA
0.75
2
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
4.5
4.7
V
VEXTVCC(DROP)
EXTVCC Dropout
ICC = 20mA, VEXTVCC = 5V
50
100
mV
VEXTVCC(HYST)
EXTVCC Hysteresis
220
mV
Oscillator and Phase-Locked Loop
Frequency Nominal
Nominal Frequency
fSET = 1.2V
450
500
550
kHz
Frequency Low
Lowest Frequency
fSET = 0.93V
400
kHz
Frequency High
Highest Frequency
fSET > 2.4V, Up to INTVCC
780
kHz
fSET
Frequency Set Current
9
10
11
µA
RMODE_PLLIN
MODE_PLLIN Input Resistance
250
kΩ
CLKOUT
Phase (Relative to VOUT1)
PHASMD = GND
PHASMD = Float
PHASMD = INTVCC
60
90
120
Deg
Deg
Deg
CLK High
CLK Low
Clock High Output Voltage
Clock Low Output Voltage
2
0.2
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com