Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4650 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4650
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4650 Datasheet(HTML) 3 Page - Linear Technology

  LTM4650 Datasheet HTML 1Page - Linear Technology LTM4650 Datasheet HTML 2Page - Linear Technology LTM4650 Datasheet HTML 3Page - Linear Technology LTM4650 Datasheet HTML 4Page - Linear Technology LTM4650 Datasheet HTML 5Page - Linear Technology LTM4650 Datasheet HTML 6Page - Linear Technology LTM4650 Datasheet HTML 7Page - Linear Technology LTM4650 Datasheet HTML 8Page - Linear Technology LTM4650 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LTM4645
3
4645f
For more information www.linear.com/LTM4645
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified internal
operating temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, per the typical application.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
4.7
15
V
VOUT(RANGE)
Output Voltage Range
VIN = 4.7V to 15V
l
0.6
1.8
V
VOUT(DC)
Output Voltage, Total Variation
with Line and Load
CIN = 22µF × 4, COUT = 100µF Ceramic, 470µF POSCAP,
RFB = 60.4k, MODE = GND,VIN = 4.7V to 15V, IOUT = 0A to 25A l 1.186 1.200 1.214
V
Input Specifications
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT = 1.2V, Burst Mode Operation, IOUT = 0A
VIN = 12V, VOUT = 1.2V, Pulse-Skipping Mode, IOUT = 0A
VIN = 12V, VOUT = 1.2V, Switching Continuous, IOUT = 0A
Shutdown, RUN = 0, VIN = 12V
11
25
170
90
mA
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.2V, IOUT = 25A
3.0
A
Output Specifications
IOUT(DC)
Output Continuous Current
Range
VIN = 12V, VOUT = 1.2V (Note 4)
0
25
A
∆VOUT(LINE)/VOUT Line Regulation Accuracy
VOUT = 1.2V, VIN from 4.7V to 15V, IOUT = 0A
l
0.005
0.05
%/V
∆VOUT(LOAD)/ VOUT Load Regulation Accuracy
VOUT = 1.2V, IOUT = 0A to 25A, VIN = 12V (Note 4)
l
0.1
0.3
%
VOUT(AC)
Output Ripple Voltage
COUT = 100µF Ceramic × 6,
VIN = 12V, VOUT = 1.2V, IOUT = 0A
15
mV
∆VOUT(START)
Turn-On Overshoot
COUT = 100µF Ceramic × 6,
VIN = 12V, VOUT = 1.2V, IOUT = 0A
20
mV
tSTART
Turn-On Time
COUT = 100µF Ceramic × 6
VIN = 12V, VOUT = 1.2V, No Load, TRACK/SS = 0.01µF
5
ms
∆VOUTLS
Peak Deviation for Dynamic
Load
Load: 0% to 50% to 0% of Full Load,
COUT = 100µF Ceramic × 6, VIN = 12V, VOUT = 1.2V
36
mV
tSETTLE
Settling Time for Dynamic
Load Step
Load: 0% to 50% to 0% of Full Load,
COUT = 100µF Ceramic × 6, VIN = 12V, VOUT = 1.2V
15
µs
IOUTPK
Output Current Limit
VIN = 12V, VOUT = 1.2V
35
A
Control Specifications
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 1.2V
l
594
600
606
IFB
Current at VFB Pin
(Note 7)
–30
–100
nA
ITRACK/SS
Track Pin Soft-Start Pull-Up
Current
TRACK/SS = 0V
1.25
µA
tON(MIN)
Minimum On-Time
(Note 3)
90
ns
RFBHI
Resistor Between VOUT_LCL
and VFB Pins
60.05
60.40
60.75
kΩ
VRUN
RUN Pin On Threshold
VRUN Rising
1.2
1.35
1.45
V
VRUNHYS
RUN Pin On Hysteresis
180
mV
UVLO
Undervoltage Lockout
VINTVCC Falling
4
V
UVLOHYS
UVLO Hysteresis
400
mV
VHIZB
HIZB Pin On Threshold
VHIZB Rising
2.3
V
VHIZBHYS
HIZB Pin On Hysteresis
800
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com