Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 20Page - Linear Technology LTM8045 Datasheet HTML 21Page - Linear Technology LTM8045 Datasheet HTML 22Page - Linear Technology LTM8045 Datasheet HTML 23Page - Linear Technology LTM8045 Datasheet HTML 24Page - Linear Technology LTM8045 Datasheet HTML 25Page - Linear Technology LTM8045 Datasheet HTML 26Page - Linear Technology LTM8045 Datasheet HTML 27Page - Linear Technology LTM8045 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LTM4651
24
4651f
For more information www.linear.com/LTM4651
APPLICATIONS INFORMATION
Table 8. LTM4651 Output Voltage Response vs Component Matrix. Performance of Figure 32 Circuit with Values Here Indicated,
COMPa Connected to COMPb, CEXTVCC = 1μF, and the Following Components Not Used: CTH, RTH and COUTL. Load-Stepping from 50%
of Full Scale (F.S.) to 100% of F.S. Load Current, in 1μs. Typical Measured Values
COUTH VENDORS 
PART NUMBER 
CIN/CD VENDORS 
PART NUMBER 
AVX
12066D107MAT2A (100µF, 6.3V, 1206 Case Size)
Murata
GRM32ER71K475M (4.7µF, 80V, 1210 Case Size)
Murata
GRM31CR60J107M (100µF, 6.3V, 1206 Case Size)
AVX
12065C475MAT2A (4.7µF, 50V, 1206 Case Size)
Taiyo Yuden
JMK316BBJ107MLHT (100µF, 6.3V, 1206 Case Size)
Murata
GRM31CR71H475M (4.7µF, 50V, 1206 Case Size)
TDK
C3216X5R0J107M (100µF, 6.3V, 1206 Case Size)
Taiyo Yuden
UMK316AB7475ML (4.7µF, 50V, 1206 Case Size)
AVX
1210YD476MAT2A (47µF, 16V, 1210 Case Size)
TDK
C3216X5R1H475M (4.7µF, 50V, 1206 Case Size)
Murata
GRM32ER61C476M (47µF, 16V, 1210 Case Size)
Taiyo Yuden
EMK325BJ476MM (47µF, 16V, 1210 Case Size)
AVX
12103D226MAT2A (22µF, 25V, 1210 Case Size)
Taiyo Yuden
TMK325BJ226MM (22µF, 25V, 1210 Case Size)
TDK
C3225X5R1E226M (22µF, 25V, 1210 Case Size)
AVX
12105D106MAT2A (10µF, 50V, 1210 Case Size)
Murata
GRM32ER61H106M (10µF, 50V, 1210 Case Size)
Taiyo Yuden
UMK325BJ106M (10µF, 50V, 1210 Case Size)
TDK
C3225X5R1H106M (10µF, 50V, 1210 Case Size)
VOUT–
(V)
VIN
(V)
F. S.
LOAD
(A)
CIN
(VIN– TO GND
BYPASS CAP)
CINOUT
(VIN– TO VOUT–
BYPASS CAP)
CD
(VD– TO VOUT–
BYPASS CAP)
CDGND
(VD– TO GND
BYPASS CAP)
COUTH
(CERAMIC
OUTPUT CAP)
RISET
(kΩ)
RPGDFB
(kΩ)
fSW
(kHz)
RfSET
(kΩ)
REXTVCC
(Ω)
LOAD STEP
TRANSIENT
DROOP
(mV)
LOAD STEP
PK-PK
DEVIATION
(mV)
RECOVERY
TIME
(μs)
–0.5
5
3.2
4.7µF
4.7µF
4.7µF
4.7µF
100µF × 4
10
N/A
400
N/A
2.2
75
150
55
–0.5
12
4
4.7µF
4.7µF
4.7µF
4.7µF
100µF × 4
10
N/A
400
N/A
2.2
90
190
60
–0.5*
24
4
4.7µF
4.7µF
4.7µF
4.7µF
100µF × 4
10
N/A
200*
N/A
2.2
90
190
60
–3.3
5
2.2
4.7µF
4.7µF
4.7µF
4.7µF
100µF
66.5
22.6
400
N/A
15
65
130
25
–3.3
12
3.5
4.7µF
4.7µF
4.7µF
4.7µF
100µF × 2
66.5
22.6
400
N/A
15
165
330
50
–3.3
24
4
4.7µF
4.7µF
4.7µF
4.7µF
100µF × 2
66.5
22.6
450
2200
15
175
355
50
–3.3
36
4
4.7µF
4.7µF
4.7µF
4.7µF
100µF × 2
66.5
22.6
500
1000
15
160
310
40
–3.3
48
4
4.7µF
4.7µF
4.7µF
4.7µF
100µF × 2
66.5
22.6
500
1000
15
152
300
35
–5
5
1.75
4.7µF
4.7µF
4.7µF
4.7µF
47µF × 2
100
36.5
400
N/A
20
125
235
45
–5
12
3.2
4.7µF
4.7µF
4.7µF
4.7µF
47µF × 2
100
36.5
550
665
20
175
340
60
–5
24
3.85
4.7µF
4.7µF
4.7µF
4.7µF
47µF × 2
100
36.5
600
499
20
185
380
55
–5
36
4
4.7µF
4.7µF
4.7µF
4.7µF
47µF × 2
100
36.5
600
499
20
180
360
45
–5
48
4
4.7µF
4.7µF
4.7µF
4.7µF
47µF × 2
100
36.5
600
499
20
165
330
38
–8
5
1.2
4.7µF
4.7µF
4.7µF
4.7µF
47µF
160
61.9
450
2200
32.4
125
235
30
–8
12
2.3
4.7µF
4.7µF
4.7µF
4.7µF
47µF
160
61.9
700
332
32.4
185
340
30
–8
24
3.1
4.7µF
4.7µF
4.7µF
4.7µF
47µF
160
61.9
800
249
32.4
180
330
27
–8
36
3.4
4.7µF
4.7µF
4.7µF
4.7µF
47µF
160
61.9
850
221
32.4
205
400
27
–8
48
3.6
4.7µF
4.7µF
4.7µF
4.7µF
47µF
160
61.9
900
200
32.4
185
370
25
–12
5
0.9
4.7µF
4.7µF
4.7µF
4.7µF
22µF
240
95.3
475
1300
49.9
140
270
32
–12
12
1.9
4.7µF
4.7µF
4.7µF
4.7µF
22µF
240
95.3
825
237
49.9
157
290
25
–12
24
2.75
4.7µF
4.7µF
4.7µF
4.7µF
22µF
240
95.3
1100
143
49.9
170
325
25
–12
36
3.2
4.7µF
4.7µF
4.7µF
4.7µF
22µF
240
95.3
1200
124
49.9
200
400
25
–15
5
0.75
4.7µF
4.7µF
4.7µF
4.7µF
22µF
301
121
500
1000
60.4
90
170
25
–15
12
1.75
4.7µF
4.7µF
4.7µF
4.7µF
22µF
301
121
875
210
60.4
200
380
32
–15
24
2.5
4.7µF
4.7µF
4.7µF
4.7µF
22µF
301
121
1200
124
60.4
205
400
28
–15
36
3
4.7µF
4.7µF
4.7µF
4.7µF
22µF
301
121
1400
100
60.4
210
415
28
–24
5
0.55
4.7µF
4.7µF
4.7µF × 2
4.7µF × 2
10µF × 2
481
196
550
665
100
105
220
45
–24
12
1.25
4.7µF
4.7µF
4.7µF × 2
4.7µF × 2
10µF × 2
481
196
1000
165
100
140
275
30
–24
24
2
4.7µF
4.7µF
4.7µF × 2
4.7µF × 2
10µF × 2
481
196
1500
90.9
100
140
280
27
*To avoid violating minimum on-time criteria, drive CLKIN with a 200kHz, 50% duty cycle clock. Consider using LTC6908-1, for example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com