Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8045
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology LTM8045 Datasheet HTML 11Page - Linear Technology LTM8045 Datasheet HTML 12Page - Linear Technology LTM8045 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTM4661
9
4661f
For more information www.linear.com/LTM4661
TIME (µs)
0
3.5
3.0
2.0
1.0
2.5
1.5
0.5
0
1.0
4661 F01
1.5
0.5
SINGLE PHASE
DUAL
PHASE
Figure 1. Comparison of Output Ripple Current with
Single Phase and Dual Phase Boost Converter
Input Decoupling Capacitors
The LTM4661 module should be connected to a low AC-
impedance DC source. For each module, one piece 10µF
input ceramic capacitor is required for RMS ripple current
decoupling. Bulk input capacitor is only needed when the
inputsourceimpedanceiscompromisedbylonginductive
leads, traces or not enough source capacitance. The bulk
capacitor can be an electrolytic aluminum capacitor and
polymer capacitor.
Output Decoupling Capacitors
With an optimized high frequency, high bandwidth, two
phase interleaving design, only single piece of 22µF low
ESRoutputceramiccapacitorisrequiredforeachLTM4661
module to achieve low output voltage ripple and very
good transient response. Additional output filtering may
be required by the system designer, if further reduction of
output ripples or dynamic transient spikes is required. The
LTpowerCAD® Design Tool is available to download online
for output ripple, stability and transient response analysis.
Soft-Start
The LTM4661 contains internal circuitry to provide soft-
start operation. The soft-start utilizes a linearly increasing
ramp of the error amplifier reference voltage from zero
to its nominal value of 1.2V in approximately 10ms, with
the internal control loop driving VOUT from zero to its final
programmed value. This limits the inrush current drawn
APPLICATIONS INFORMATION
from the input source. As a result, the duration of the
soft-start is largely unaffected by the size of the output
capacitor or the output regulation voltage. The soft-start
period is reset by a shutdown command on SDB, a UVLO
event on INTVCC (INTVCC < 1.5V), an overvoltage event on
VOUT (VOUT ≥ 16.5V), or an overtemperature event (TSD is
invoked when the die temperature exceeds 170°C). Upon
removal of these fault conditions, the LTM4661 will soft-
start the output voltage.
Burst Mode Operation
In applications where high efficiency at light load current
are more important than output voltage ripple, Burst Mode
operation could be used by connecting SYNC/MODE pin to
GND to improve light load efficiency. The output current
(IOUT) capability in Burst Mode operation is significantly
less than in continuous current mode (CCM) and varies
with VIN and VOUT, as shown in Figure 2. The LTM4661
will operate in CCM mode even if Burst Mode operation
is commanded during soft-start.
In Burst Mode operation, only one phase of the LTM4661
isoperational,whiletheotherphaseisdisabled.Thephase
inductor current is initially charged to approximately
700mA by turning on the N-channel MOSFET switch,
at which point the N-channel switch is turned off and
the P-channel synchronous switch is turned on, deliv-
ering current to the output. When the inductor current
discharges to approximately zero, the cycle repeats. In
VIN, FALLING (V)
1
300
400
5
4661 F02
200
100
250
350
150
50
0
2
3
4
1.5
0.5
2.5
3.5
4.5
5.5
VOUT = 2.5V
VOUT = 5V
VOUT = 7.5V
VOUT = 12V
VOUT = 15V
Figure 2. Burst Mode Output Current vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com