Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4643 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4643
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4643 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4643 Datasheet HTML 12Page - Linear Technology LTM4643 Datasheet HTML 13Page - Linear Technology LTM4643 Datasheet HTML 14Page - Linear Technology LTM4643 Datasheet HTML 15Page - Linear Technology LTM4643 Datasheet HTML 16Page - Linear Technology LTM4643 Datasheet HTML 17Page - Linear Technology LTM4643 Datasheet HTML 18Page - Linear Technology LTM4643 Datasheet HTML 19Page - Linear Technology LTM4643 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTM4661
20
4661f
For more information www.linear.com/LTM4661
LT 1117 • PRINTED IN USA
www.linear.com/LTM4661
ANALOG DEVICES, INC. 2017
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Analog Devices’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
RELATED PARTS
PACKAGE PHOTO
PART NUMBER
DESCRIPTION
COMMENTS
LTM8054
36VIN, 5.4A Buck-Boost µModule Regulator
5V ≤ VIN ≤ 36V, 1.2V ≤ VOUT ≤ 36V, 11.25mm × 15mm × 3.42mm BGA
LTM8045
SEPIC (Boost) or Inverting µModule Regulator
2.8V ≤ VIN ≤ 18V. ±2.5V ≤ VOUT ≤ ±15V, IOUT is up to 700mA.
6.25mm × 11.25mm x 4.92mm BGA
LTM8049
Dual, SEPIC (Boost) and/or Inverting µModule
Regulator
2.6V ≤ VIN ≤ 20V, ±2.5V ≤ VOUT ≤ ±24V, IOUT is up to 1.5A,
9mm × 15mm × 2.42mm BGA
LTM4622
Ultrathin, 20VIN, Dual 2.5A Step-Down µModule
Regulator
3.6V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V, 6.25mm × 6.25mm × 1.82mm LGA,
6.25mm × 6.25mm × 2.42mm BGA
LTM4643
Ultrathin, 20VIN, Quad 3A Step-Down µModule
Regulator
4V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 3.3V, 9mm × 15mm × 1.82mm LGA,
9mm × 15mm × 2.42mm BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com