Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V735 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82V735
Description  330mW Stereo Audio Power Amp With Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V735 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82V735 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V735 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings
Supply Voltage .............................VSS
-0.3V to VSS+6V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
VSS=0V; fi=1kHz; RL=32
W; Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Supplies
VDD
Supply Voltage
¾¾
2.4
¾
6V
IDD
Supply Current
5V
No load
¾
10
¾
mA
IPD
Power-down Current
5V
¾¾
1
¾mA
D.C. Characteristics
VI(OS)
Input Offset Voltage
5V
¾¾
10
¾
mV
IO
Maximum Output Current
5V
(THD+N)/S<0.1%
¾
62
¾
mA
RO
Output Resistance
5V
¾¾
230
¾
m
W
VO
Output Voltage Swing
5V
RL=8
W
0.66
¾
3V
RL=16
W
0.38
¾
3.15
V
RL=32
W
0.18
¾
3.29
V
PSRR
Power Supply Rejection Ratio
5V
CS=2.2
mF,
VRIPPLE=200VRMS,
f=120Hz
¾
66
¾
dB
XTALK
Channel Separation
5V
PO=200mW, RL=8
W,
CB=2.2
mF
¾
85
¾
dB
A.C. Characteristics
(THD+N)/S
Total Harmonic Distortion Plus
Noise to Signal Ratio
5V
PO=200mW, RL=8
W,
f=1kHz
¾
0.03
¾
%
PO=120mW, RL=16
W,
f=1kHz
¾
0.01
¾
PO=75mW, RL=32
W,
f=1kHz
¾
0.01
¾
3.3V
PO=30mW, RL=32
W,
f=1kHz
¾
0.01
¾
PO
Output Power
5V
(THD+N)/S=0.1%,
f=1kHz
¾¾¾
mW
RL=8
W¾
240
¾
RL=16
W¾
160
¾
RL=32
W¾
90
¾
(THD+N)/S=10%,
f=1kHz
¾¾¾
RL=8
W¾
330
¾
RL=16
W¾
200
¾
RL=32
W¾
110
¾
HT82V735
Rev. 1.10
2
February 18, 2004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com