Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4620A Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4620A
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4620A Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4620A Datasheet HTML 17Page - Linear Technology LTM4620A Datasheet HTML 18Page - Linear Technology LTM4620A Datasheet HTML 19Page - Linear Technology LTM4620A Datasheet HTML 20Page - Linear Technology LTM4620A Datasheet HTML 21Page - Linear Technology LTM4620A Datasheet HTML 22Page - Linear Technology LTM4620A Datasheet HTML 23Page - Linear Technology LTM4620A Datasheet HTML 24Page - Linear Technology LTM4620A Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
LTM4676A
21
4676afa
For more information www.linear.com/LTM4676A
TesT circuiTs
Test Circuit 1. LTM4676A ATE High VIN Operating Range Configuration, 5.75V ≤ VIN ≤ 26.5V
CINH
10µF
×6
CINL
150µF
VIN
5.75V TO 26.5V
COUTH0
100µF
×4
VOUT0
1V ADJUSTABLE
UP TO 13A
VOUT1
1V ADJUSTABLE
UP TO 13A
VIN0
VIN1
SVIN
VDD33
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
VOUT0
TSNS0a
TSNS0b
ISNS0a+
ISNS0b+
ISNS0a–
ISNS0b–
VORB0+
VOSNS0+
VOSNS0–
VORB0–
VORB1
VOUT1
TSNS1a
TSNS1b
ISNS1a+
ISNS1b+
ISNS1a–
ISNS1b–
VOSNS1
SGND
+
COUTL0
OPT*
+
COUTL1
OPT*
+
LOAD0
COUTH1
100µF
×4
LTM4676A
LOAD1
SMBus INTERFACE WITH
PMBus COMMAND SET
ON/OFF CONTROL,
FAULT MANAGEMENT AND
POWER SEQUENCING
PWM CLOCK SYNCH
TIME BASE SYNCH
(PULL-UP RESISTORS ON DIGITAL
I/O PINS NOT SHOWN)
RTH1
30.1k
*COUTL0, COUTL1 NOT USED IN ATE TESTING
RTH0
30.1k
4676A TC01
CTH1
470pF
CTH0
470pF
Test Circuit 2. LTM4676A ATE Low VIN Operating Range Configuration, 4.5V ≤ VIN ≤ 5.75V
RTH1
30.1k
*COUTL0, COUTL1 NOT USED IN ATE TESTING
RTH0
30.1k
CTH1
470pF
CTH0
470pF
CINH
10µF
×6
CINL
150µF
VIN
4.5V TO 5.75V
COUTH0
100µF
×4
VOUT0
1V ADJUSTABLE
UP TO 13A
VOUT1
1V ADJUSTABLE
UP TO 13A
VIN0
VIN1
SVIN
VDD33
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
+
LOAD0
COUTH1
100µF
×4
LTM4676A
LOAD1
SMBus INTERFACE WITH
PMBus COMMAND SET
ON/OFF CONTROL,
FAULT MANAGEMENT AND
POWER SEQUENCING
PWM CLOCK SYNCH
TIME BASE SYNCH
(PULL-UP RESISTORS ON DIGITAL
I/O PINS NOT SHOWN)
4676A TC02
COUTL0
OPT*
+
COUTL1
OPT*
+
VOUT0
TSNS0a
TSNS0b
ISNS0a+
ISNS0b+
ISNS0a–
ISNS0b–
VORB0+
VOSNS0+
VOSNS0–
VORB0–
VORB1
VOUT1
TSNS1a
TSNS1b
ISNS1a+
ISNS1b+
ISNS1a–
ISNS1b–
VOSNS1
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com