Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8049 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM8049
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 12Page - Linear Technology LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology LTM8049 Datasheet HTML 15Page - Linear Technology LTM8049 Datasheet HTML 16Page - Linear Technology LTM8049 Datasheet HTML 17Page - Linear Technology LTM8049 Datasheet HTML 18Page - Linear Technology LTM8049 Datasheet HTML 19Page - Linear Technology LTM8049 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTM8049
16
8049fa
For more information www.linear.com/LTM8049
TYPICAL APPLICATIONS
LTM8049
45.3k
8049 TA02a
VOUT1P
VOUT1N
VIN1
RUN1
RT1
107k
750kHz
VIN
2.7V TO 15V
VOUT1
5V
VOUT2
–5V
4.7µF
×2
47µF
147µF
SYNC2
CLKOUT1
FBX1
RT2
107k
750kHz
60.4k
VOUT2P
VOUT2N
VIN2
RUN2
PINS NOT USED: SS1, SS2, PG1, PG2, CLKOUT2, SHARE1, SHARE2
SYNC1
FBX2
LTM8049
82.5k
8049 TA03a
VOUT1P
VOUT1N
VIN1
RUN1
SYNC1
RT1
80.6k
1MHz
VIN
2.7V TO 20V
VOUT
8V
47µF
SYNC2
CLKOUT1
SHARE2
SHARE1
FBX1
RT2
80.6k
1MHz
82.5k
VOUT2P
VOUT2N
VIN2
RUN2
PINS NOT USED: SS1, SS2, PG1, PG2, CLKOUT2
FBX2
4.7µF
×2
±5V Converter
Parallel 8V Outputs for Increased Current
Maximum Load Current vs VIN
Maximum Load Current vs VIN
VIN (V)
0
5
10
15
0
0.5
1.0
1.5
2.0
8049 TA02b
VIN (V)
0
5
10
15
20
0.5
1.5
2.5
3.5
8049 TA03b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com