Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8045
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 5 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM8049
5
8049fa
For more information www.linear.com/LTM8049
TYPICAL PERFORMANCE CHARACTERISTICS
Input vs Load Current, VOUT ±3.3V
Input vs Load Current, VOUT ±5V
Input vs Load Current, VOUT ±8V
Input vs Load Current, VOUT ±12V
Input vs Load Current, VOUT ±15V
Input vs Load Current, VOUT ±18V
Input vs Load Current, VOUT ±24V
Maximum Load Current vs VIN
Maximum Load Current vs VIN
5VIN
12VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.5
1.0
1.5
2.0
2.5
8049 G10
5VIN
12VIN
16VIN
LOAD CURRENT (A)
0
0.50
1
1.50
0
1.0
2.0
3.0
8049 G13
5VIN
12VIN
16VIN
LOAD CURRENT (A)
0
0.2
0.4
0.6
0
1.0
2.0
3.0
8049 G16
5VIN
12VIN
15VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
1.0
2.0
3.0
8049 G11
5VIN
12VIN
16VIN
LOAD CURRENT (A)
0
0.25
0.50
0.75
1
0
1.0
2.0
3.0
8049 G14
2.5VOUT
3.3VOUT
5VOUT
VIN (V)
0
5
10
15
0
0.5
1.0
1.5
2.0
PER CHANNEL
8049 G17
5VIN
12VIN
16VIN
LOAD CURRENT (A)
0
0.5
1
1.5
0
1.0
2.0
3.0
8049 G12
5VIN
12VIN
16VIN
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
0
1.0
2.0
3.0
8049 G15
8VOUT
12VOUT
15VOUT
VIN (V)
0
5
10
15
20
0
0.5
1.0
1.5
2.0
8049 G18
PER CHANNEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com