Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8067 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8067
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8067 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8067 Datasheet HTML 12Page - Linear Technology LTM8067 Datasheet HTML 13Page - Linear Technology LTM8067 Datasheet HTML 14Page - Linear Technology LTM8067 Datasheet HTML 15Page - Linear Technology LTM8067 Datasheet HTML 16Page - Linear Technology LTM8067 Datasheet HTML 17Page - Linear Technology LTM8067 Datasheet HTML 18Page - Linear Technology LTM8067 Datasheet HTML 19Page - Linear Technology LTM8067 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTM8049
20
8049fa
For more information www.linear.com/LTM8049
LT 1217 REV A • PRINTED IN USA
www.linear.com/LTM8049
ANALOG DEVICES, INC. 2016
RELATED PARTS
TYPICAL APPLICATION
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
Parallel Outputs to Increase –5V Output Current
LTM8049
60.4k
8049 TA04a
VOUT1P
VOUT1N
VIN1
RUN1
SYNC1
RT1
107k
750kHz
VIN
2.7V TO 15V
VOUT
–5V
100µF
×2
SYNC2
CLKOUT1
SHARE2
SHARE1
FBX1
RT2
107k
750kHz
60.4k
VOUT2P
VOUT2N
VIN2
RUN2
PINS NOT USED: SS1, SS2, PG1, PG2, CLKOUT2
FBX2
4.7µF
×2
Maximum Load Current vs VIN
PART NUMBER DESCRIPTION
COMMENT
LTM8045
Single. Inverting or SEPIC µModule DC/DC Convertor
2.8 ≤ VIN ≤ 18V. ±2.5V ≤ VOUT ≤ ±15V. 6.25mm × 11.25mm × 4.92mm BGA
LTM8046
2kVAC, 2.75W Isolated DC/DC µModule Converter
3.1V ≤ VIN ≤ 31V, 1.8V ≤ VOUT ≤ 12V. 5V at 550mA from 24VIN,
9mm × 15mm × 4.92mm BGA
LTM8047
725kVDC, 1.5W Isolated DC/DC µModule Converter
3.1V ≤ VIN ≤ 32V, 2.5V ≤ VOUT ≤ 12V. 9mm × 11.25mm × 4.92mm BGA
LTM8048
725kVDC, 1.5W Isolated DC/DC µModule Converter with
Integrated LDO
3.1V ≤ VIN ≤ 32V, 1.2V ≤ LDO VOUT ≤ 12V. 9mm × 11.25mm × 4.92mm BGA
LTM8067
2kVAC, 2.25W Isolated DC/DC µModule Converter
2.8V ≤ VIN ≤ 40V, 2.5V ≤ VOUT ≤ 24V. 9mm × 11.25mm × 4.92mm BGA
LTM8068
2kVAC, 2.25W Isolated DC/DC µModule Converter with
Integrated LDO
2.8V ≤ VIN ≤ 40V, 1.2V ≤ LDO VOUT ≤ 18V. 9mm × 11.25mm × 4.92mm BGA
LTM8023
36VIN, 2A, Step-Down DC/DC µModule Converter. Can Be
Used for Inverting
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V. 9mm x 11.25mm x 2.82mm LGA.
9mm x 11.25mm x 3.52mm BGA
LTM8053
40VIN, 3.5A Step-Down DC/DC µModule Regulator. Can
be used for inverting.
3.4V ≤ VIN ≤ 40V. 0.97V ≤ VOUT ≤ 15V. 6.25mm x 9mm x 3.32mm BGA.
VIN (V)
0
5
10
15
20
0
1
2
3
4
8049 TA04b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com