Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4601 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4601
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 1 Page - Linear Technology

  LTM4601 Datasheet HTML 1Page - Linear Technology LTM4601 Datasheet HTML 2Page - Linear Technology LTM4601 Datasheet HTML 3Page - Linear Technology LTM4601 Datasheet HTML 4Page - Linear Technology LTM4601 Datasheet HTML 5Page - Linear Technology LTM4601 Datasheet HTML 6Page - Linear Technology LTM4601 Datasheet HTML 7Page - Linear Technology LTM4601 Datasheet HTML 8Page - Linear Technology LTM4601 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM8050
1
8050fc
For more information www.linear.com/LTM8050
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
58V, 2A Step-Down
µModule Regulator
The LTM®8050 is a 58VIN, 2A step down µModule® (mi-
cromodule) converter. Included in the package are the
switching controller, power switches, inductor and all
support components. Operating over an input voltage
range of 3.6V to 58V, the LTM8050 supports an output
voltage range of 0.8V to 24V and a switching frequency
range of 100kHz to 2.4MHz, each set by a single resistor.
Only the bulk input and output filter capacitors are needed
to finish the design.
The LTM8050 is packaged in a 9mm × 15mm × 4.92mm
ball grid array (BGA) package suitable for automated
assembly by standard surface mount equipment. The
LTM8050 is available with SnPb (BGA) or RoHS compli-
ant terminal finish.
L
, LT, LTC, LTM, Linear Technology, the Linear logo, µModule and Burst Mode are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
n
Wide Input Voltage Range: 3.6V to 58V
(60V Absolute Maximum)
n
Up to 2A Output Current
n
Parallelable for Increased Output Current
n
0.8V to 24V Output Voltage
n
Adjustable Switching Frequency: 100kHz to 2.4MHz
n
Configurable as an Inverter
n
Current Mode Control
n
Programmable Soft-Start
n
9mm × 15mm × 4.92mm BGA Package
n
Automotive Battery Regulation
n
Power for Portable Products
n
Distributed Supply Regulation
n
Industrial Supplies
n
Wall Transformer Regulation
Efficiency vs Output Current, 12VOUT
12VOUT, 2A µModule Regulator
OUTPUT CURRENT (A)
80
88
84
86
92
90
82
8050 TA01b
0
0.5
1.0
1.5
2.0
VIN = 24V
VIN = 36V
VIN = 48V
VIN
RUN/SS
SHARE
RT
FB
VOUT
GND
8050 TA01a
LTM8050
VIN*
17V TO 58V
*RUNNING VOLTAGE RANGE. PLEASE REFER TO
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS
VOUT
12V AT 2A
57.6k
f = 600kHz
34.8k
4.7µF
22µF
PGOOD
SYNC
AUX
BIAS
Click to view associated TechClip Videos.


Similar Part No. - LTM4601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601 Datasheet
343Kb / 24P
10A High Effi ciency DC/DC 關Module
LTM4601 LINER-LTM4601 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4601 LINER-LTM4601 Datasheet
574Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601 LINER-LTM4601 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
More results

Similar Description - LTM4601

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
2A Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
Monolithic 2A Step-Down Regulator
December 8, 2006
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Linear Technology
LT3980 LINER-LT3980_15 Datasheet
331Kb / 24P
58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
2A, 36V DC/DC Step-Down Module Regulator
LTM8050 LINER-LTM8050_15 Datasheet
474Kb / 24P
58V, 2A Step-Down Module Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
logo
Linear Technology
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
4A Step-Down 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com