Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8055 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8055
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8055 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8055 Datasheet HTML 16Page - Linear Technology LTM8055 Datasheet HTML 17Page - Linear Technology LTM8055 Datasheet HTML 18Page - Linear Technology LTM8055 Datasheet HTML 19Page - Linear Technology LTM8055 Datasheet HTML 20Page - Linear Technology LTM8055 Datasheet HTML 21Page - Linear Technology LTM8055 Datasheet HTML 22Page - Linear Technology LTM8055 Datasheet HTML 23Page - Linear Technology LTM8055 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTM8055
20
8055fb
For more information www.linear.com/LTM8055
3.3VOUT from 9VIN to 24VIN with 5A Accurate Current Limit and
Output Current Monitor
TYPICAL APPLICATIONS
Two LTM8055s Paralleled to Get More Output Current. The Two µModules Are
Synchronized and Switching 180° Out Of Phase
VIN
SVIN
IIN
GND
MODE
LL
LTM8055
IOUT
0.011
VOUT
CLKOUT
IINMON
IOUTMON
FB
RUN
CTL
SS
SYNC
COMP
RT
56.2k
8055 TA04a
22µF
6.3V
100µF
6.3V
VOUT
3.3V
OUTPUT
CURRENT
MONITOR
10µF
50V
VIN
9V TO 24V
36.5k
fSW = 600kHz
100k
+
OUTPUT CURRENT (A)
4.0
3.0
2.5
2.0
1.0
0.5
1.5
3.5
0
8055 TA04b
4
5
0
1
3
2
6
Output Voltage vs Output Current
VIN
SVIN
IIN
GND
MODE
LL
LTM8055
(MASTER)
IOUT
0.008
VOUT
IINMON
IOUTMON
FB
RUN
CTL
SS
SYNC
COMP
RT
CLKOUT
22µF
25V
68µF
25V
VOUT
12V
10µF
50V
47pF
47pF
VIN
7V TO 36V
36.5k
VIN
SVIN
IIN
GND
LTM8055
(SLAVE)
IOUT
0.008
VOUT
CTL
CLKOUT
IINMON
IOUTMON
FB
RUN
COMP
SS
SYNC
RT
11k
100k
9.31k
8055 TA05a
10µF
50V
36.5k
fSW = 600kHz
MODE
LL
100k
+
22µF
25V
68µF
25V
+
LT1636
IOUTMON Voltage vs Output Current
for Each Channel, 12VIN
COMBINED CURRENTS OF BOTH CHANNELS (A)
1.2
0.8
0.6
0.4
0.2
1.0
0
8055 TA05b
10
0
5
15
MASTER
SLAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com