Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4609 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4609
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 4 Page - Linear Technology

  LTM4609 Datasheet HTML 1Page - Linear Technology LTM4609 Datasheet HTML 2Page - Linear Technology LTM4609 Datasheet HTML 3Page - Linear Technology LTM4609 Datasheet HTML 4Page - Linear Technology LTM4609 Datasheet HTML 5Page - Linear Technology LTM4609 Datasheet HTML 6Page - Linear Technology LTM4609 Datasheet HTML 7Page - Linear Technology LTM4609 Datasheet HTML 8Page - Linear Technology LTM4609 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTM8055
4
8055fb
For more information www.linear.com/LTM8055
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current
(12VOUT)
Efficiency vs Output Current
(18VOUT)
Efficiency vs Output Current
(24VOUT)
Efficiency vs Output Current
(36VOUT)
Input Current vs Output Current
(3.3VOUT)
Input Current vs Output Current
(5VOUT)
Efficiency vs Output Current
(3.3VOUT)
Efficiency vs Output Current
(5VOUT)
Efficiency vs Output Current
(8VOUT)
TA = 25°C, unless otherwise noted.
OUTPUT CURRENT (A)
0
100
60
40
80
20
0
8055 G01
10
4
2
6
8
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
0
100
60
40
80
20
8055 G02
10
4
2
6
8
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
0
100
60
40
80
20
8055 G03
10
4
2
6
8
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
0
100
60
40
80
20
8055 G04
3
6
9
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
0
100
60
40
80
20
8055 G05
4
2
6
8
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
60
40
80
20
8055 G06
3
4
5
0
1
2
6
7
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
70
60
50
90
40
8055 G07
3
4
0
1
2
5
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
7
5
4
3
2
1
6
0
8055 G08
6
8
0
2
4
10
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
10
8
6
4
2
0
8055 G09
6
8
0
2
4
10
5VIN
12VIN
24VIN
36VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com