Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4613
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology LTM4613 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTM8053
24
8053fc
For more information www.linear.com/LTM8053
TYPICAL APPLICATIONS
–5VOUT from 5VIN to 35VIN Positive to Negative Converter. BIAS Is Tied to LTM8053 GND
Maximum Load Current vs VIN. BIAS Open
Use Two LTM8053s Powered from the Same Input Source to Get More Output Current
INPUT VOLTAGE (V)
0
10
20
30
40
0
1
2
3
4
5
8053 TA05b
4.7µF
100µF
60.4k
LTM8053
VOUT
RUN
OPTIONAL
SCHOTTKY
DIODE
VIN
VIN
5V TO 35V
FB
GND SYNC
BIAS
8053 TA05a
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE, BIAS, AUX
41.2k
1MHz
RT
INPUT BULK CAP
VOUT
–5V
4.7µF
41.2k
1MHz
LTM8053
VOUT
FB
AUX
BIAS
VOUT
5V
7A
VIN
VIN
7V TO 40V
GND
TR/SS
RUN
SYNC
OPTIONAL
SYNC
SHARE
TR/SS
SHARE
RT
4.7µF
100µF
41.2k
1MHz
60.4k
60.4k
LTM8053
VOUT
FB
AUX
BIAS
VIN
GND
RUN
SYNC
OPTIONAL
SYNC
RT
8053 TA06
PIN NOT USED IN THIS CIRCUIT: PG
100µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com