Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8045
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 1 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTM8055
1
8055fb
For more information www.linear.com/LTM8055
TYPICAL APPLICATION
FEATURES
DESCRIPTION
36VIN, 8.5A Buck-Boost
µModule Regulator
The LTM®8055 is a 36VIN, buck-boost µModule®
(micromodule) regulator. Included in the package are the
switchingcontroller,powerswitches,inductorandsupport
components. A resistor to set the switching frequency, a
resistor divider to set the output voltage, and input and
output capacitors are all that are needed to complete the
design. Other features such as input and output average
current regulation may be implemented with just a few
components. The LTM8055 operates over an input volt-
age range of 5V to 36V, and can regulate output voltages
between 1.2V and 36V. The SYNC input and CLKOUT
output allow easy synchronization.
The LTM8055 is housed in a compact overmolded ball
gridarray(BGA)packagesuitableforautomatedassembly
by standard surface mount equipment. The LTM8055 is
RoHS compliant.
Buck-Boost Selection Table
LTM8054
LTM8055
LTM8056
VIN (Operation)
36
36
58
VIN Abs Max
40
40
60
VOUT Abs Max
40
40
60
IOUT (Peak)
24VIN, 12VOUT
5.4
8.5
5.5
Package
15 × 11.25mm ×
3.42mm BGA
15 × 15mm × 4.92mm BGA
Pin and Function Compatible
12VOUT from 5VIN to 36VIN Buck-Boost Regulator
APPLICATIONS
n
Complete Buck-Boost Switch Mode Power Supply
n
VOUT Equal, Greater, Less Than VIN
n
Wide Input Voltage Range: 5V to 36V
n
12V/3A Output from 6VIN
n
12V/6A Output from 12VIN
n
12V/8.5A Output from 24VIN
n
Up to 97.5% Efficient
n
Adjustable Input and Output Average Current Limits
n
Input and Output Current Monitors
n
Parallelable for Increased Output Current
n
Wide Output Voltage Range: 1.2V to 36V
n
Selectable Switching Frequency: 100kHz to 800kHz
n
Synchronization from 200kHz to 700kHz
n
15mm × 15mm × 4.92mm BGA Package
n
High Power Battery-Operated Devices
n
Industrial Control
n
Solar Powered Voltage Regulator
n
Solar Powered Battery Charging
L
, LT, LTC, LTM, Linear Technology, the Linear logo, µModule and Burst Mode are registered
trademarks of Analog Devices, Inc. All other trademarks are the property of their respective
owners.
Maximum Output Current and Efficiency vs VIN
VIN (V)
0
10
6
4
8
2
0
98
96
92
88
94
90
86
84
8055 TA01b
40
20
10
30
OUTPUT
CURRENT
EFFICIENCY
VIN
SVIN
IIN
GND
LL MODE
LTM8055
IOUT
VOUT
CLKOUT
IINMON
IOUTMON
FB
RUN
CTL
SS
SYNC
COMP
RT
11.0k
8055 TA01a
22µF
25V
68µF
VOUT
12V
4.7µF
50V
×2
VIN
5V TO 36V
fSW = 600kHz
36.5k
100k


Similar Part No. - LTM8045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTM8045 LINEAR_DIMENSIONS-LTM8045 Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Integrated Syste...
LTM8045 LINEAR-LTM8045 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM8045 LINER-LTM8045 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results

Similar Description - LTM8045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4609 LINER-LTM4609_15 Datasheet
747Kb / 28P
36VIN, 34VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607 LINER-LTM4607_15 Datasheet
355Kb / 26P
36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
36VIN, 8.5A Buck-Boost Module Regulator
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
36V, 1.5A Buck-Boost 關Module Regulator
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com