Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8055 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8055
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8055 Datasheet(HTML) 3 Page - Linear Technology

  LTM8055 Datasheet HTML 1Page - Linear Technology LTM8055 Datasheet HTML 2Page - Linear Technology LTM8055 Datasheet HTML 3Page - Linear Technology LTM8055 Datasheet HTML 4Page - Linear Technology LTM8055 Datasheet HTML 5Page - Linear Technology LTM8055 Datasheet HTML 6Page - Linear Technology LTM8055 Datasheet HTML 7Page - Linear Technology LTM8055 Datasheet HTML 8Page - Linear Technology LTM8055 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM8056
3
8056fa
For more information www.linear.com/LTM8056
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. RUN = 1.5V unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
VIN = SVIN
l
5.0
V
Output DC Voltage
FB = VOUT Through 100k
IOUT = 0.1A, RFB = 100k/2.55k
1.2
48
V
V
Output DC Current
VIN = 6V, VOUT = 12V
VIN = 48V, VOUT = 12V
1.7
4
A
A
Quiescent Current Into VIN (Tied to SVIN)
RUN = 0.3V (Disabled)
No Load, MODE = 0.3V (DCM)
No Load, MODE = 1.5V (FCM)
0.1
8
45
1
30
100
µA
mA
mA
Output Voltage Line Regulation
5V < VIN < 58V, IOUT = 1A
0.5
%
Output Voltage Load Regulation
VIN = 12V, 0.1A < IOUT < 3.5A
0.5
%
Output RMS Voltage Ripple
VIN = 24V, IOUT = 3A
25
mV
Switching Frequency
RT = 453k
RT = 24.9k
100
800
kHz
kHz
Voltage at FB Pin
l
1.188
1.176
1.212
1.220
V
V
RUN Falling Threshold
LTM8056 Stops Switching
l
1.15
1.25
V
RUN Hysteresis
LTM8056 Starts Switching
25
mV
RUN Low Threshold
LTM8056 Disabled
0.3
V
RUN Pin Current
RUN = 1V
RUN = 1.6V
2
3
5
100
µA
nA
IIN Bias Current
90
µA
Input Current Sense Threshold (IIN-VIN)
l
44
56
mV
IOUT Bias Current
20
µA
Output Current Sense Threshold (VOUT-IOUT)
VCTL = Open
l
54.5
53
61.5
63
mV
mV
IINMON Voltage
LTM8056 in Input Current Limit
0.96
1.04
V
IOUTMON Voltage
LTM8056 in Output Current Limit
1.14
1.26
V
CTL Input Bias Current
VCTL = 0V
22
µA
SS Pin Current
VSS = 0V
35
µA
CLKOUT Output High
10k to GND
4
V
CLKOUT Output Low
10k to 5V
0.7
V
SYNC Input Low Threshold
0.3
V
SYNC Input High Threshold
1.5
V
SYNC Bias Current
SYNC = 1V
11
µA
MODE Input Low Threshold
0.3
V
MODE Input High Threshold
1.5
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8056E is guaranteed to meet performance specifications
from 0°C to 125°C internal. Specifications over the full –40°C to
125°C internal operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTM8056I is guaranteed to meet specifications over the full –40°C
to 125°C internal operating temperature range. The LTM8056MP is
guaranteed to meet specifications over the full –55°C to 125°C internal
operating temperature range. Note that the maximum internal temperature
is determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
Note 3: The LTM8056 contains overtemperature protection that is
intended to protect the device during momentary overload conditions. The
internal temperature exceeds the maximum operating junction temperature
when the overtemperature protection is active. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com