Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8045
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM8056
6
8056fa
For more information www.linear.com/LTM8056
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature Rise vs Output
Current (8VOUT)
Temperature Rise vs Output
Current (12VOUT)
Temperature Rise vs Output
Current (18VOUT)
Temperature Rise vs Output
Current (24VOUT)
Temperature Rise vs Output
Current (36VOUT)
Temperature Rise vs Output
Current (48VOUT)
Maximum Output Current vs VIN
Temperature Rise vs Output
Current (3.3VOUT)
Temperature Rise vs Output
Current (5VOUT)
TA = 25°C, unless otherwise noted.
VIN (V)
6
4
2
0
8056 G19
20
30
40
50
0
10
36VOUT
48VOUT
OUTPUT CURRENT (A)
80
60
40
20
0
8056 G20
6
0
2
4
5VIN
12VIN
24VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G21
6
0
2
4
5VIN
12VIN
22VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G22
4
6
0
2
5VIN
12VIN
24VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G23
4
6
0
2
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G24
6
0
2
4
6VIN
12VIN
24VIN
48VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G25
6
0
2
4
7VIN
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G26
6
0
2
4
9VIN
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8056 G27
4
0
1
2
3
13VIN
24VIN
36VIN
48VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com