Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8063 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8063
Description  40VIN, 2A Silent Switcher 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8063 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8063 Datasheet HTML 2Page - Linear Technology LTM8063 Datasheet HTML 3Page - Linear Technology LTM8063 Datasheet HTML 4Page - Linear Technology LTM8063 Datasheet HTML 5Page - Linear Technology LTM8063 Datasheet HTML 6Page - Linear Technology LTM8063 Datasheet HTML 7Page - Linear Technology LTM8063 Datasheet HTML 8Page - Linear Technology LTM8063 Datasheet HTML 9Page - Linear Technology LTM8063 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM8063
6
8063fa
For more information www.linear.com/LTM8063
TYPICAL PERFORMANCE CHARACTERISTICS
Input vs Load Current
VOUT = 1.5V
Input vs Load Current
VOUT = 1.8V
Input vs Load Current
VOUT = 2V
Input vs Load Current
VOUT = 3.3V
Input vs Load Current
VOUT = 5V
Input vs Load Current
VOUT = 8V
Input vs Load Current
VOUT = 12V
Input vs Load Current
VOUT = 15V
Input vs Load Current
VOUT = –3.3V
TA = 25°C, unless otherwise noted.
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
8063 G19
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
8063 G20
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
8063 G21
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.25
0.50
0.75
1.00
8063 G22
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.4
0.8
1.2
8063 G23
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.5
1.0
1.5
2.0
8063 G24
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.5
1.0
1.5
8063 G25
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.5
1.0
1.5
8063 G26
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.25
0.50
0.75
1.00
8063 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com