Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8053 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8053
Description  40VIN, 2A Silent Switcher 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8053 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8053 Datasheet HTML 3Page - Linear Technology LTM8053 Datasheet HTML 4Page - Linear Technology LTM8053 Datasheet HTML 5Page - Linear Technology LTM8053 Datasheet HTML 6Page - Linear Technology LTM8053 Datasheet HTML 7Page - Linear Technology LTM8053 Datasheet HTML 8Page - Linear Technology LTM8053 Datasheet HTML 9Page - Linear Technology LTM8053 Datasheet HTML 10Page - Linear Technology LTM8053 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM8063
7
8063fa
For more information www.linear.com/LTM8063
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Input vs Load Current
VOUT = –5V
Input vs Load Current
VOUT = –8V
Input vs Load Current
VOUT = –12V
Input vs Load Current
VOUT = –15V
Maximum Load Current vs VIN
Maximum Load Current vs VIN
Input Current vs VIN
VOUT Short Circuited
Derating, VOUT = 1V,
DC2494A Demo Board
Derating, VOUT = 1.2V,
DC2494A Demo Board
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.40
0.80
1.20
8063 G28
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
0
0.50
1.00
1.50
8063 G29
12VIN
24VIN
LOAD CURRENT (A)
0
0.25
0.50
0.75
0
0.40
0.80
1.20
8063 G31
–3.3VOUT
–5VOUT
–8VOUT
INPUT VOLTAGE (V)
0
10
20
30
40
0
1
2
3
8063 G32
–12VOUT
–15VOUT
INPUT VOLTAGE (V)
0
10
20
30
0
0.25
0.50
0.75
1.00
8063 G33
VIN (V)
0
10
20
30
40
0
300
600
900
8063 G34
12VIN
24VIN
LOAD CURRENT (A)
0
0.25
0.50
0.75
1
0
0.5
1.0
1.5
8063 G30
12VIN
24VIN
36VIN
0
25
50
75
100
125
0
1
2
3
8063 G35
0LFM
AMBIENT TEMPERATURE (°C)
12VIN
24VIN
36VIN
0
25
50
75
100
125
0
1
2
3
8063 G36
0LFM
AMBIENT TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com