Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8065 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM8065
Description  40VIN, 2.5A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8065 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM8065 Datasheet HTML 18Page - Linear Technology LTM8065 Datasheet HTML 19Page - Linear Technology LTM8065 Datasheet HTML 20Page - Linear Technology LTM8065 Datasheet HTML 21Page - Linear Technology LTM8065 Datasheet HTML 22Page - Linear Technology LTM8065 Datasheet HTML 23Page - Linear Technology LTM8065 Datasheet HTML 24Page - Linear Technology LTM8065 Datasheet HTML 25Page - Linear Technology LTM8065 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTM8065
22
8065fa
For more information www.linear.com/LTM8065
TYPICAL APPLICATIONS
1.2VOUT from 3.4VIN to 40VIN Step-Down Converter. BIAS Is Tied to an External 3.3V Source
2.5VOUT from 5.5VIN to 15VIN Step-Down Converter. BIAS Is Tied to VIN
3.3V
2.2µF
100µF
47pF
1.05M
LTM8065
VOUT
BIAS
VOUT
1.2V
2.5A
VIN
VIN
3.4V TO 40V
FB
GND
RUN
SYNC
8065 TA02
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
78.7k
550kHz
RT
2.2µF
47µF
158k
LTM8065
VOUT
BIAS
VOUT
2.5V
2.5A
VIN
VIN
5.5V TO 15V
FB
GND
RUN
SYNC
8065 TA03
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
45.3k
900kHz
RT
–5VOUT from 3.4VIN to 35VIN Positive to Negative Converter
Maximum Load Current vs VIN,
BIAS tied to LTM8065 GND
2.2µF
22µF
60.4k
LTM8065
VOUT
RUN
OPTIONAL
SCHOTTKY
DIODE
VIN
VIN
3.4V TO 35V
FB
GND SYNC BIAS
8065 TA04a
PINS NOT USED IN THIS CIRCUIT:
TR/SS, PG, AUX
INPUT BULK CAP: PLACE THE INPUT BULK CAP BETWEEN VIN AND VOUT (SYSTEM GROUND)
TO MITIGATE THE OUTPUT POSITIVE TRANSIENT WHEN VIN RISES QUICKLY.
41.2k
1MHz
RT
INPUT BULK CAP
VOUT
–5V
INPUT VOLTAGE (V)
0
10
20
30
40
0
1
2
3
4
8065 TA04b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com