Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8045
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8067
6
8067fc
For more information www.linear.com/LTM8067
Maximum Load Current vs VIN
TYPICAL PERFORMANCE CHARACTERISTICS
Output Noise and Ripple
DC2357A, 200mA Load Current
Frequency vs VOUT Load Current
Stock DC2357A Demo Board
Unless otherwise noted, operating conditions are
as in Table 1 (TA = 25°C).
Derating, 2.5VOUT
Derating, 3.3VOUT
VOUT1 (V)
0
6
12
18
24
0
5
10
15
20
25
8067 G20
Minimum Load Current vs VOUT
Over Full Output Voltage Range
0LFM AIRFLOW
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
100
200
300
400
OUT
8067 G23
0LFM AIRFLOW
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
100
200
300
400
Derating, 3.3VOUT
8067 G24
DATA0
HP461 150MHz AMPLIFIER AT 40dB GAIN
C5 = 470pF
2µs/DIV
10mV/DIV
8067 G21
5VIN
12VIN
24VIN
LOAD CURRENT (mA)
0
100
200
300
400
500
150
250
350
450
Stock DC2357A Demo Board
8067 G22
24VOUT
15VOUT
VIN (V)
0
10
20
30
40
0
100
200
300
Max Load Current vs VIN
8067 G19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com