Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8045
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 1 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8068
1
8068fb
For more information www.linear.com/LTM8068
VIN (V)
0
9
18
27
36
50
150
250
350
8068 TA01
TYPICAL APPLICATION
FEATURES
DESCRIPTION
2.8VIN to 40VIN Isolated
µModule DC/DC Converter
with LDO Post Regulator
The LTM®8068 is a 2kVAC isolated flyback µModule®
(power module) DC/DC converter with LDO post regula-
tor. Included in the package are the switching controller,
power switches, transformer, LDO, and all support com-
ponents. Operating over an input voltage range of 2.8V to
40V, the LTM8068 supports an output voltage range of
2.5V to 18V, set by a single resistor. There is also a linear
post regulator whose output voltage is adjustable from
1.2V to 18V as set by a single resistor. Only output and
input capacitors are needed to finish the design.
The LTM8068 is packaged in a thermally enhanced, com-
pact (9mm × 11.25mm × 4.92mm) overmolded ball grid
array (BGA) package suitable for automated assembly
by standard surface mount equipment. The LTM8068 is
available with SnPb or RoHS compliant terminal finish.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Analog Devices, Inc. All other trademarks are the property of their respective owners.
APPLICATIONS
n
2kVAC Isolated µModule Converter
n
UL60950 Recognized File E464570
n
Wide Input Voltage Range: 2.8V to 40V
n
VOUT1 Output:
n
Up to 450mA (VIN = 24V, VOUT1 = 5V)
n
2.5V to 18V Output Range
n
VOUT2 Low Noise Linear Post Regulator:
n
Up to 300mA
n
1.2V to 18V Output Range
n
Current Mode Control
n
User Configurable Undervoltage Lockout
n
Low Profile (9mm × 11.25mm × 4.92mm)
BGA Package
n
Industrial Sensors
n
Industrial Switches
n
Ground Loop Mitigation
Total Output Current vs VIN
2kVAC Isolated Low Noise µModule Regulator
VOUT2
FB2
VOUTN
LTM8068
162k
8068 TA01a
(5.6V)
VOUT2
5V
300mA MAX
10µF
VOUT1
VIN
RUN
GND
FB1
PIN BYP IS NOT USED IN THIS SCHEMATIC
7.32k
2.2µF
VIN
2.8V TO 38V
LOW
NOISE
LDO
•
•
22µF


Similar Part No. - LTM8045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTM8045 LINEAR_DIMENSIONS-LTM8045 Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Integrated Syste...
LTM8045 LINEAR-LTM8045 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM8045 LINER-LTM8045 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results

Similar Description - LTM8045

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
Isolated DC/DC Converter Module
logo
Linear Technology
LTM8048 LINER-LTM8048 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTC3330 LINER-LTC3330 Datasheet
179Kb / 20P
Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
LTM8047 LINER-LTM8047_15 Datasheet
343Kb / 18P
3.1VIN to 32VIN Isolated Module DC/DC Converter
LTM8048 LINER-LTM8048_15 Datasheet
283Kb / 20P
3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
Isolated DC/DC Module Converter
LTM8057 LINER-LTM8057_15 Datasheet
233Kb / 20P
3.1VIN to 31VIN Isolated Module DC/DC Converter
LTM8058 LINER-LTM8058_15 Datasheet
246Kb / 20P
3.1VIN to 31VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8046 LINER-LTM8046 Datasheet
383Kb / 20P
3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
LTM8067 LINER-LTM8067 Datasheet
896Kb / 20P
2.8VIN to 40VIN Isolated 關Module DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com