Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8301 Datasheet(PDF) 11 Page - Linear Technology

Part # LT8301
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8301 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT8301 Datasheet HTML 7Page - Linear Technology LT8301 Datasheet HTML 8Page - Linear Technology LT8301 Datasheet HTML 9Page - Linear Technology LT8301 Datasheet HTML 10Page - Linear Technology LT8301 Datasheet HTML 11Page - Linear Technology LT8301 Datasheet HTML 12Page - Linear Technology LT8301 Datasheet HTML 13Page - Linear Technology LT8301 Datasheet HTML 14Page - Linear Technology LT8301 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM8067
11
8067fc
For more information www.linear.com/LTM8067
APPLICATIONS INFORMATION
For most applications, the design process is straight
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CIN, COUT and RFB.
Whilethesecomponentcombinationshavebeentestedfor
proper operation, it is incumbent upon the user to verify
proper operation over the intended system’s line, load and
environmental conditions. Bear in mind that the maximum
output current may be limited by junction temperature,
the relationship between the input and output voltage
magnitude and polarity and other factors. Please refer
to the graphs in the Typical Performance Characteristics
section for guidance.
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the
minimum recommended values for the associated oper-
ating conditions. Applying capacitor values below those
indicated in Table 1 is not recommended, and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response, if
it is necessary. Again, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable.
X5R and X7R types are stable over temperature and ap-
plied voltage and give dependable service. Other types,
including Y5V and Z5U have very large temperature and
voltage coefficients of capacitance. In an application cir-
cuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8067. A
ceramic input capacitor combined with trace or cable
inductance forms a high-Q (underdamped) tank circuit. If
the LTM8067 circuit is plugged into a live supply, the input
voltage can ring to much higher than its nominal value,
possibly exceeding the device’s rating. This situation is
easily avoided; see the Hot-Plugging Safely section.
Table 1. Recommended Component Values for Specific VOUT Values
VIN
VOUT
CIN
COUT
RFB
2.8V to 40V
2.5V
2.2µF, 50V, 1206
100µF, 6.3V, 1210
15.4k
2.8V to 40V
3.3V
2.2µF, 50V, 1206
47µF, 6.3V, 1210
11.8k
2.8V to 40V
5V
2.2µF, 50V, 1206
22µF, 16V, 1210
8.25k
2.8V to 37V
8V
2.2µF, 50V, 1206
22µF, 16V, 1210
5.23k
2.8V to 33V
12V
4.7µF, 50V, 1206
10µF, 50V, 1210
3.48k
2.8V to 30V
15V
4.7µF, 50V, 1206
4.7µF, 25V, 1210
2.8k
2.8V to 27V
18V
4.7µF, 50V, 1206
4.7µF, 25V, 1210
2.37k
2.8V to 21V
24V
4.7µF, 50V, 1206
4.7µF, 25V, 1210
1.78k
Note: An input bulk capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com